Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1373EKB-T Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A1373EKB-T
Description  High Precision, Output Pin Programmable Linear Hall Effect Sensors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1373EKB-T Datasheet(HTML) 2 Page - Allegro MicroSystems

  A1373EKB-T Datasheet HTML 1Page - Allegro MicroSystems A1373EKB-T Datasheet HTML 2Page - Allegro MicroSystems A1373EKB-T Datasheet HTML 3Page - Allegro MicroSystems A1373EKB-T Datasheet HTML 4Page - Allegro MicroSystems A1373EKB-T Datasheet HTML 5Page - Allegro MicroSystems A1373EKB-T Datasheet HTML 6Page - Allegro MicroSystems A1373EKB-T Datasheet HTML 7Page - Allegro MicroSystems A1373EKB-T Datasheet HTML 8Page - Allegro MicroSystems A1373EKB-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
High Precision, Output Pin Programmable
Linear Hall Effect Sensors
A1373 and
A1374
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
output voltage, and temperature coefficient has been selected, the
codes can be locked for one-time programming. In this manner,
manufacturing tolerances can be reduced and the assembly process
can be simplified.
These devices are available in the KB package, a 3-pin SIP (single
inline package). The lead (Pb) free version has a 100% matte tin
plated leadframe.
Selection Guide
Part Number
Pb-free1
Packing2
Ambient, TA
(ºC)
A1373EKB
Bulk, 500 pcs./bag
–40 to 85
A1373EKB–T
Yes
A1373EKBTI
14.24-in. reel, 2000 pcs/reel
A1373EKBTI–T
Yes
A1373LKB–T
Yes
Bulk, 500 pcs./bag
–40 to 150
A1373LKBTI
14.24-in. reel, 2000 pcs/reel
A1373LKBTI–T
Yes
A1374EKB
Bulk, 500 pcs./bag
–40 to 85
A1374EKB–T
Yes
A1374EKBTI
14.24-in. reel, 2000 pcs/reel
A1374EKBTI–T
Yes
A1374LKB–T
Yes
Bulk, 500 pcs./bag
–40 to 150
A1374LKBTI
14.24-in. reel, 2000 pcs/reel
A1374LKBTI–T
Yes
1Pb-based variants are being phased out of the product line. Certain variants cited in this footnote are in production but have been
determined to be DISCONTINUED. Status date change October 31, 2006. These variants include: A1373LKB and A1374LKB.
2Contact Allegro for additional packing options.
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
16
V
Reverse Supply Voltage
VRCC
–16
V
Output Voltage
VOUT
When blowing fuses during device programming,
a voltage of 28 V may be applied to VOUT.
16
V
Reverse-Output Voltage
VROUT
–0.1
V
Output Source Current
IOUTSOURCE
3mA
Output Sink Current
IOUTSINK
10
mA
Operating Ambient Temperature
TA
Range E
–40 to 85
ºC
Range L
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC
Description (continued)


Similar Part No. - A1373EKB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1373EKB-T ALLEGRO-A1373EKB-T Datasheet
435Kb / 23P
   HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
More results

Similar Description - A1373EKB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1373 ALLEGRO-A1373 Datasheet
435Kb / 23P
   HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
logo
Micronas
HAL82X MICRONAS-HAL82X_1 Datasheet
263Kb / 2P
   High-Precision Programmable Hall-Effect Sensors
logo
Allegro MicroSystems
3501 ALLEGRO-3501 Datasheet
189Kb / 4P
   LINEAR OUTPUT HALL EFFECT SENSORS
logo
Micronas
HAL2455 MICRONAS-HAL2455 Datasheet
454Kb / 30P
   High-Precision Programmable Linear Hall-Effect Sensor with PWM Output
logo
List of Unclassifed Man...
MLX90215 ETC2-MLX90215 Datasheet
301Kb / 9P
   Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215 Datasheet
676Kb / 10P
   Precision Programmable Linear Hall Effect Sensor
MLX90215 MELEXIS-MLX90215_17 Datasheet
1Mb / 15P
   Precision Programmable Linear Hall Effect Sensor
logo
Micronas
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
   High-Precision Programmable Linear Hall-Effect Sensor Family
HAL85X MICRONAS-HAL85X Datasheet
3Mb / 2P
   Programmable Hall-Effect Sensors with Arbitrary Output
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com