Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1373EKB-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1373EKB-T
Description  High Precision, Output Pin Programmable Linear Hall Effect Sensors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1373EKB-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1373EKB-T Datasheet HTML 1Page - Allegro MicroSystems A1373EKB-T Datasheet HTML 2Page - Allegro MicroSystems A1373EKB-T Datasheet HTML 3Page - Allegro MicroSystems A1373EKB-T Datasheet HTML 4Page - Allegro MicroSystems A1373EKB-T Datasheet HTML 5Page - Allegro MicroSystems A1373EKB-T Datasheet HTML 6Page - Allegro MicroSystems A1373EKB-T Datasheet HTML 7Page - Allegro MicroSystems A1373EKB-T Datasheet HTML 8Page - Allegro MicroSystems A1373EKB-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
High Precision, Output Pin Programmable
Linear Hall Effect Sensors
A1373 and
A1374
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max
Units
ELECTRICAL CHARACTERISTICS
over operating temperature range, VCC=5.0 V, unless otherwise noted
Supply Voltage
VCC
Operation within specification,
Tj < 165°C
4.5
5.0
5.5
V
Supply Current
ICC
8.2
10
mA
Reverse-Supply Current
IRCC
VCC = –16 V, TA = 25°C
16
mA
Power-On Time1
tPO
CLOAD = 10 nF, 90% full scale VOUT
300
μs
Chopping Frequency
fC
200
kHz
Internal Bandwidth
BW
A1373
Small signal -3 dB
2.5
kHz
A1374
20
kHz
OUTPUT CHARACTERISTICS
over operating temperature range, VCC=5.0 V, unless otherwise noted
Noise2,3
VN
A1373 peak-to-peak, CLOAD > 1 nF,
2.5 mV/G
6
16
mV
A1374
14
26
mV
Output Capacitance Load
CLOAD
VOUT pin to GND pin
10
nF
Output Resistive Load
RLOAD
4700
Ω
Phase Shift
∆Φ
A1373 Magnetic signal freq. = 100 Hz
3
(°)
A1374 Magnetic signal freq. = 1000 Hz
3
(°)
Output Voltage
VOUT(Sat)HIGH
IOUTSINK = 1.2 mA,
B(kG) > (VCC–VOUT(Q)) / Sens (mV/G)
4.65
4.7
V
VOUT(Sat)LOW
IOUTSOURCE = 1.2 mA,
B(kG) < VOUT(Q) / Sens (mV/G)
0.2
0.25
V
Output Resistance
ROUT
1.5
Ω
MAGNETIC CHARACTERISTICS
Magnetic Slew Rate
SLR
V / ms / Sens
20
G/μs
PRE-PROGRAMMING TARGET (Prior to coarse and fine trim)
over operating temperature range, VCC=5.0 V, unless
otherwise noted
Pre-Programming Quiescent
Output Voltage
VOUT(Q)PRE
B = 0 G, TA = 25°C
1.62
1.80
1.98
V
Pre-Programming Sensitivity
SensPRE
TA = 25°C
1.05
1.31
1.75
mV/G
Pre-Programming Sensitivity
Temperature Coefficient
TCPRE
TA relative to 25°C
–0.016
0.05
0.104
%/°C
INITIAL COARSE PROGRAMMING
over operating temperature range, VCC=5.0 V, unless otherwise noted
Initial Coarse Quiescent Output
Voltage
VOUT(Q)INITLOW TA = 25°C
0.55
V
VOUT(Q)INITMID Reference VOUT(Q)PRE
––-
V
VOUT(Q)INITHIGH TA = 25°C
3.25
V
Initial Coarse Sensitivity
SensINITLOW
Reference SensPRE
mV/G
SensINITMID
TA = 25°C
2.8
mV/G
SensINITHIGH
TA = 25°C
5.5
mV/G
CHARACTERISTIC PARAMETERS
Continued on the next page...


Similar Part No. - A1373EKB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1373EKB-T ALLEGRO-A1373EKB-T Datasheet
435Kb / 23P
   HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
More results

Similar Description - A1373EKB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1373 ALLEGRO-A1373 Datasheet
435Kb / 23P
   HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
logo
Micronas
HAL82X MICRONAS-HAL82X_1 Datasheet
263Kb / 2P
   High-Precision Programmable Hall-Effect Sensors
logo
Allegro MicroSystems
3501 ALLEGRO-3501 Datasheet
189Kb / 4P
   LINEAR OUTPUT HALL EFFECT SENSORS
logo
Micronas
HAL2455 MICRONAS-HAL2455 Datasheet
454Kb / 30P
   High-Precision Programmable Linear Hall-Effect Sensor with PWM Output
logo
List of Unclassifed Man...
MLX90215 ETC2-MLX90215 Datasheet
301Kb / 9P
   Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215 Datasheet
676Kb / 10P
   Precision Programmable Linear Hall Effect Sensor
MLX90215 MELEXIS-MLX90215_17 Datasheet
1Mb / 15P
   Precision Programmable Linear Hall Effect Sensor
logo
Micronas
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
   High-Precision Programmable Linear Hall-Effect Sensor Family
HAL85X MICRONAS-HAL85X Datasheet
3Mb / 2P
   Programmable Hall-Effect Sensors with Arbitrary Output
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com