Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1642LK Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A1642LK
Description  Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1642LK Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A1642LK Datasheet HTML 4Page - Allegro MicroSystems A1642LK Datasheet HTML 5Page - Allegro MicroSystems A1642LK Datasheet HTML 6Page - Allegro MicroSystems A1642LK Datasheet HTML 7Page - Allegro MicroSystems A1642LK Datasheet HTML 8Page - Allegro MicroSystems A1642LK Datasheet HTML 9Page - Allegro MicroSystems A1642LK Datasheet HTML 10Page - Allegro MicroSystems A1642LK Datasheet HTML 11Page - Allegro MicroSystems A1642LK Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
A1642LK-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
A1642LK
Sensing Technology
The single-chip differential Hall effect sensor IC possesses two
Hall elements, which sense the magnetic profile of the ring mag-
net simultaneously, but at different points (spaced at a 1.5 mm
pitch), generating a differential internal analog voltage, VPROC,
that is processed for precise switching of the digital output
signal.
The Hall IC is self-calibrating and also possesses a temperature
compensated amplifier and offset compensation circuitry. Its
voltage regulator provides supply noise rejection throughout the
operating voltage range. Changes in temperature do not greatly
affect this device due to the stable amplifier design and the offset
compensation circuitry. The Hall transducers and signal process-
ing electronics are integrated on the same silicon substrate, using
a proprietary BiCMOS process.
Target Profiling
An operating device is capable of providing digital informa-
tion that is representative of the magnetic features on a rotating
target. The waveform diagram shown in figure 3 presents the
automatic translation of the magnetic profile to the digital output
signal of the sensor.
Output Polarity
Figure 3 shows the output polarity for the orientation of target
and sensor shown in figure 2. The target direction of rotation
shown is: perpendicular to the leads, across the face of the
device, from the pin 1 side to the pin 4 side. This results in the
sensor output switching from high, ICC(High), to low ICC(Low),
as the leading edge of a north magnetic pole passes the sensor
face. In this configuration, the device output current switches to
its low polarity when a north pole is the target feature nearest to
the sensor. If the direction of rotation is reversed, then the output
polarity inverts.
Note that output voltage polarity is dependent on the position of
the sense resistor, RSENSE (see figure 4).
Target
(Ring Magnet)
(Pin 1 Side)
(Pin 4 Side)
Hall IC
Element Pitch
Hall Element 1
Hall Element 2
N
N
S
S
of Sensor
Rotating Target
Branded Face
1
4
Functional Description
Figure 1. Relative motion of the target is detected by the dual Hall ele-
ments mounted on the Hall IC.
Figure 2. This left-to-right (pin 1 to pin 4) direction of target rotation
results in a low output signal when a magnetic north pole of the target is
nearest the face of the sensor (see figure 3). A right-to-left (pin 4 to pin
1) rotation inverts the output signal polarity.
Figure 4: Voltages profiles for high side and low side two-wire sensing.
Figure 3. Output Profile of a ring magnet target for the polarity
indicated in figure 2.
A1642
VCC
GND
V
CC
I
CC
1
4
VOUT(L)
A1642
VCC
GND
V
SUPPLY
1
4
VOUT(H)
I
CC
R
SENSE
R
SENSE
IOUT
VOUT(H)
V+
VOUT(L)
V+
I+
N
N
S
S
Representative
Differential
Magnetic Profile
Target
Ring Magnet
Sensor Electrical
Output Profile, IOUT


Similar Part No. - A1642LK

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1642LKNTN-I1-T ALLEGRO-A1642LKNTN-I1-T Datasheet
361Kb / 14P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor IC with Continuous Calibration
A1642LKNTN-I2-T ALLEGRO-A1642LKNTN-I2-T Datasheet
361Kb / 14P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor IC with Continuous Calibration
A1642LKNTN-I3-T ALLEGRO-A1642LKNTN-I3-T Datasheet
361Kb / 14P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor IC with Continuous Calibration
More results

Similar Description - A1642LK

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1642 ALLEGRO-A1642 Datasheet
361Kb / 14P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor IC with Continuous Calibration
ATS642 ALLEGRO-ATS642 Datasheet
319Kb / 16P
   Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
ATS642LSH ALLEGRO-ATS642LSH Datasheet
430Kb / 16P
   Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
A1468 ALLEGRO-A1468 Datasheet
693Kb / 15P
   Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1469 ALLEGRO-A1469 Datasheet
881Kb / 15P
   Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
ATS682LSH ALLEGRO-ATS682LSH Datasheet
325Kb / 16P
   Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
ATS682 ALLEGRO-ATS682 Datasheet
323Kb / 16P
   Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
A17301 ALLEGRO-A17301 Datasheet
852Kb / 15P
   Three-Wire Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1688 ALLEGRO-A1688 Datasheet
584Kb / 10P
   Two-Wire, True Zero-Speed, High Accuracy Sensor IC
A1698 ALLEGRO-A1698 Datasheet
573Kb / 13P
   Two-Wire, True Zero-Speed, High Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com