Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP303LSN26T1 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP303LSN26T1
Description  Voltage Detector Series with Programmable Delay
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP303LSN26T1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP303LSN26T1 Datasheet HTML 6Page - ON Semiconductor NCP303LSN26T1 Datasheet HTML 7Page - ON Semiconductor NCP303LSN26T1 Datasheet HTML 8Page - ON Semiconductor NCP303LSN26T1 Datasheet HTML 9Page - ON Semiconductor NCP303LSN26T1 Datasheet HTML 10Page - ON Semiconductor NCP303LSN26T1 Datasheet HTML 11Page - ON Semiconductor NCP303LSN26T1 Datasheet HTML 12Page - ON Semiconductor NCP303LSN26T1 Datasheet HTML 13Page - ON Semiconductor NCP303LSN26T1 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
NCP302, NCP303
http://onsemi.com
10
Figure 3. NCP302/3 Series 0.9 V
Input Current vs. Input Voltage
Figure 4. NCP302/3 Series 2.7 V
Input Current vs. Input Voltage
Figure 5. NCP302/3 Series 4.5 V
Input Current vs. Input Voltage
Figure 6. NCP302/3 Series 0.9 V
Detector Threshold Voltage vs. Temperature
Figure 7. NCP302/3 Series 2.7 V
Detector Threshold Voltage vs. Temperature
Figure 8. NCP302/3 Series 4.5 V
Detector Threshold Voltage vs. Temperature
Vin, INPUT VOLTAGE (V)
TA = 25°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0
2.0
4.0
6.0
8.0
12
−50
TA, AMBIENT TEMPERATURE (°C)
1.00
0.95
0.85
−25
0
25
50
75
100
0.90
0.80
VDET+
VDET−
2.90
2.80
2.70
2.60
−50
−25
0
25
50
75
125
TA, AMBIENT TEMPERATURE (°C)
2.65
2.75
2.85
VDET+
VDET−
TA = 25°C
0
2.0
6.0
8.0
12
2.0
1.5
1.0
0.5
0
Vin, INPUT VOLTAGE (V)
4.0
2.5
10.5
10
100
TA = 25°C
0
2.0
12
10
2.0
1.5
1.0
0.5
0
Vin, INPUT VOLTAGE (V)
8.0
2.5
6.0
17.2
4.0
−50
4.9
TA, AMBIENT TEMPERATURE (°C)
4.8
4.7
4.6
4.4
−25
0
25
50
75
125
4.5
4.3
VDET+
VDET−
100
0.7
0.8
0.9
1.0
10


Similar Part No. - NCP303LSN26T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP303LSN26T1 ONSEMI-NCP303LSN26T1 Datasheet
183Kb / 26P
   Voltage Detector Series with Programmable Delay
January, 2005 ??Rev. 14.5
NCP303LSN26T1 ONSEMI-NCP303LSN26T1 Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
NCP303LSN26T1 ONSEMI-NCP303LSN26T1 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP303LSN26T1G ONSEMI-NCP303LSN26T1G Datasheet
183Kb / 26P
   Voltage Detector Series with Programmable Delay
January, 2005 ??Rev. 14.5
NCP303LSN26T1G ONSEMI-NCP303LSN26T1G Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
More results

Similar Description - NCP303LSN26T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP302 ONSEMI-NCP302 Datasheet
183Kb / 26P
   Voltage Detector Series with Programmable Delay
January, 2005 ??Rev. 14.5
SCY99091FCT2G ONSEMI-SCY99091FCT2G Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
logo
Semtech Corporation
SC1437 SEMTECH-SC1437 Datasheet
93Kb / 8P
   Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
   VOLTAGE DETECTOR with Delay Function
logo
ELM Electronics
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
ELM Technology Corporat...
ELM76 ELM-TECH-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com