Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8354ACP-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8354ACP-REEL7
Description  1 MHz to 2.7 GHz RF Gain Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8354ACP-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8354ACP-REEL7 Datasheet HTML 4Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 5Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 6Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 7Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 8Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 9Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 10Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 11Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8354
Rev. C | Page 8 of 16
FREQUENCY (MHz)
P1dB (dBm)
–1
500
1000
1500
2000
2500
3000
4
3
2
1
0
5
6
7
0
P1dB AT 3.0V
P1dB AT 2.7V
P1dB AT 3.3V
Figure 9. P1dB vs. Frequency, VS = 2.7 V, 3 V, and 3.3 V, TA = 25°C
OUTPUT 1dB COMPRESSION POINT (dBm)
0
2.5
2.6
25
20
15
10
5
30
35
40
2.7 2.8
2.9 3.0 3.1
3.2 3.3
3.4
3.5 3.6 3.7
3.8
45
50
Figure 10. Distribution of P1dB, VS = 3 V, TA = 25°C, f = 2.2 GHz
FREQUENCY (MHz)
10
500
1000
20
18
16
14
12
1500
3000
22
0
2000
2500
OIP3 AT 3.0V
OIP3 AT 2.7V
OIP3 AT 3.3V
Figure 11. OIP3 vs. Frequency, VS = 2.7 V, 3 V, and 3.3 V, TA = 25°C
500
4
3
2
1
0
5
6
1000
1500
2000
2500
3000
0
P1dB AT +25°C
P1dB AT +85°C
P1dB AT –40°C
FREQUENCY (MHz)
Figure 12. P1dB vs. Frequency, VS = 3 V, TA = −40°C, +25°C, and +85°C
OIP3 (dBm)
0
14.4
25
20
15
10
5
30
35
40
45
50
14.6
14.8
15.0
15.2
15.4
15.6
15.8
16.0
Figure 13. Distribution of OIP3, VS = 3 V, TA = 25°C, f = 2.2 GHz
FREQUENCY (MHz)
10
500
20
18
16
14
12
1500
2500
2000
3000
22
1000
0
OIP3 AT +85°C
OIP3 AT +25°C
OIP3 AT –40°C
Figure 14. OIP3 vs. Frequency, VS = 3 V, TA = −40°C, +25°C, and +85°C


Similar Part No. - AD8354ACP-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8354ACP-REEL7 AD-AD8354ACP-REEL7 Datasheet
275Kb / 16P
   100 MHz-2.7 GHz RF Gain Block
REV. A
More results

Similar Description - AD8354ACP-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8353 AD-AD8353_05 Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
AD8353 AD-AD8353_15 Datasheet
328Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354_15 Datasheet
339Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354 Datasheet
275Kb / 16P
   100 MHz-2.7 GHz RF Gain Block
REV. A
AD8353 AD-AD8353 Datasheet
198Kb / 12P
   100 MHz-2.7 GHz RF Gain Block
REV. 0
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
logo
Texas Instruments
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com