Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

648CY-470M Datasheet(PDF) 1 Page - TOKO, Inc

Part # 648CY-470M
Description  Fixed Inductors for Surface Mounting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

648CY-470M Datasheet(HTML) 1 Page - TOKO, Inc

  648CY-470M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fixed Inductors for Surface Mounting 実装
づけ
用 固定インダクタ
Inductance Range:
1.5~330µH
SELECTION GUIDE FOR STANDARD COILS
DIMENSIONS/外形寸法図
FEATURES/特 長
D78C
#648CY-1R5M
1.5
± 20
0.023
4.00
#648CY-2R2M
2.2
± 20
0.026
3.60
#648CY-3R3M
3.3
± 20
0.031
3.10
#648CY-4R7M
4.7
± 20
0.037
2.50
#648CY-6R8M
6.8
± 20
0.044
2.10
#648CY-100M
10.0
± 20
0.053
1.75
#648CY-120M
12.0
± 20
0.056
1.70
#648CY-150M
15.0
± 20
0.065
1.45
#648CY-180M
18.0
± 20
0.071
1.32
#648CY-220M
22.0
± 20
0.079
1.20
#648CY-270M
27.0
± 20
0.082
1.08
#648CY-330M
33.0
± 20
0.099
1.00
#648CY-390M
39.0
± 20
0.134
0.90
#648CY-470M
47.0
± 20
0.150
0.86
#648CY-560M
56.0
± 20
0.201
0.83
#648CY-680M
68.0
± 20
0.300
0.80
#648CY-820M
82.0
± 20
0.320
0.70
#648CY-101M
100.0
± 20
0.350
0.60
#648CY-121M
120.0
± 20
0.581
0.53
#648CY-151M
150.0
± 20
0.646
0.48
#648CY-181M
180.0
± 20
0.725
0.45
#648CY-221M
220.0
± 20
0.811
0.40
#648CY-271M
270.0
± 20
1.148
0.36
#648CY-331M
330.0
± 20
1.273
0.32
7.6Max.
8.1Max.
6.0
3.3
2.0
• 7.6mm Max. square, and 8.1mm Max. height.
• Magnetically shielded construction.
• Suitable for large current.
• Ideal for a variety of DC-DC converter inductor applications.
• RoHS compliant.
7.6mm角Max.、高さ8.1mm Max.
磁気シールド構造
大電流対応
各種機器のDC-DCコンバータ用インダクタに最適
RoHS指令対応
TYPE D78C (Quantity/reel; 500 PCS)
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
最大許容電流(3)
TOKO
Part
Number
Inductance(1)
L (µH)
Tolerance
(%)
DC Resistance(2)
(Ω) Max.
Rated
DC Current(3)
(A) Max.
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3) Maximum allowable DC current is that which causes a 10%
inductance reduction from the initial value, or coil temperature to
rise by 40°C, whichever is smaller. (Reference ambient
temperature 20°C)
(1)インダクタンスはLCRメータ4284A(Agilent Technologies)または
同等品により測定する。
測定周波数は100kHzです。
(2)直流抵抗はデジタルマルチメータTR6871(Advantest)または同等品に
より測定する。
(3)最大許容電流は、直流重畳電流を流した時インダクタンスの値が初
期値より10%減少する直流電流値、または直流電流により、コイル
の温度が40℃上昇の何れか小さい値です。(周囲温度20℃を基準とす
る。)
(Unit: mm)
Recommended patterns
推奨パターン図
8.4
4.4
(Unit: mm)


Similar Part No. - 648CY-470M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
648 LITTELFUSE-648 Datasheet
113Kb / 1P
   MINIATURE FUSEHOLDERS
logo
List of Unclassifed Man...
648.S ETC2-648.S Datasheet
3Mb / 4P
   General Purpose Tweezers
648.SA ETC2-648.SA Datasheet
3Mb / 4P
   General Purpose Tweezers
logo
Littelfuse
64800001009 LITTELFUSE-64800001009 Datasheet
202Kb / 1P
   646 Series Molded Base Fuse Block For 5횞20mm Fuses
Revised: GD. 06/03/22
logo
Pomona Electronics
6481 POMONA-6481 Datasheet
150Kb / 3P
   Test Connector Adapter Set
More results

Similar Description - 648CY-470M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
DB3015C TOKO-DB3015C Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
   Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
   Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
   Fixed Inductors for Surface Mounting
D106C TOKO-D106C Datasheet
90Kb / 1P
   Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
   Fixed Inductors for Surface Mounting
DB320C TOKO-DB320C Datasheet
103Kb / 1P
   Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
   Fixed Inductors for Surface Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com