Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9632AN Datasheet(PDF) 3 Page - Analog Devices

Part # AD9632AN
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9632AN Datasheet(HTML) 3 Page - Analog Devices

  AD9632AN Datasheet HTML 1Page - Analog Devices AD9632AN Datasheet HTML 2Page - Analog Devices AD9632AN Datasheet HTML 3Page - Analog Devices AD9632AN Datasheet HTML 4Page - Analog Devices AD9632AN Datasheet HTML 5Page - Analog Devices AD9632AN Datasheet HTML 6Page - Analog Devices AD9632AN Datasheet HTML 7Page - Analog Devices AD9632AN Datasheet HTML 8Page - Analog Devices AD9632AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. C
AD9631/AD9632
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage (+VS to –VS) . . . . . . . . . . . . . . . . . . . . . 12.6 V
Voltage Swing
¥ Bandwidth Product . . . . . . . . . . . 550 V-MHz
Internal Power Dissipation
2
Plastic Package (N) . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3 W
Small Outline Package (R) . . . . . . . . . . . . . . . . . . . . . . 0.9 W
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±1.2 V
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . . . .Observe Power Derating Curves
Storage Temperature Range N, R . . . . . . . . . –65 C to +125 C
Operating Temperature Range (A Grade) . . . . –40 C to +85 C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300 C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2 Specification is for device in free air:
8-Lead PDIP Package:
qJA = 90∞C/W
8-Lead SOIC Package:
qJA = 140∞C/W
METALLIZATION PHOTO
Dimensions shown in inches and (millimeters)
Connect Substrate to –VS
AD9631
AD9632
–IN
2
+VS
7
6
OUT
–IN
2
+VS
7
6
OUT
3
+IN
4
–VS
3
+IN
4
–VS
0.046
(1.17)
0.046
(1.17)
0.050 (1.27)
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by these
devices is limited by the associated rise in junction temperature.
The maximum safe junction temperature for plastic encapsulated
devices is determined by the glass transition temperature of the
plastic, approximately 150 C. Exceeding this limit temporarily
may cause a shift in parametric performance due to a change in
the stresses exerted on the die by the package. Exceeding a junc-
tion temperature of 175 C for an extended period can result in
device failure.
While the AD9631 and AD9632 are internally short circuit
protected, this may not be sufficient to guarantee that the maxi-
mum junction temperature (150 C) is not exceeded under all
conditions. To ensure proper operation, it is necessary to observe
the maximum power derating curves.
AMBIENT TEMPERATURE – C
2.0
1.5
0
–50
1.0
0.5
–40 –30 –20 –10
0
10
20
30
40 50
60 70
80 90
8-LEAD PDIP PACKAGE
8-LEAD SOIC PACKAGE
TJ = +150 C
Figure 2. Maximum Power Dissipation
vs. Temperature
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description Option
AD9631AN
–40
∞C to +85∞C PDIP
N-8
AD9631AR
–40
∞C to +85∞C SOIC
R-8
AD9631AR-REEL
–40
∞C to +85∞C SOIC
R-8
AD9631AR-REEL7 –40
∞C to +85∞C SOIC
R-8
AD9631CHIPS
Die
AD9632AN
–40
∞C to +85∞C PDIP
N-8
AD9632AR
–40
∞C to +85∞C SOIC
R-8
AD9632AR-REEL
–40
∞C to +85∞C SOIC
R-8
AD9632AR-REEL7 –40
∞C to +85∞C SOIC
R-8
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD9631/AD9632 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.


Similar Part No. - AD9632AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9632AN AD-AD9632AN Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9632AN AD-AD9632AN Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9632AN AD-AD9632AN Datasheet
574Kb / 20P
   Ultralow Distortion, Wide BandwidthVoltage Feedback Op Amps
REV. C
More results

Similar Description - AD9632AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9632 AD-AD9632_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631ARZ AD-AD9631ARZ Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631 AD-AD9631 Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9631 AD-AD9631_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9632ARZ AD-AD9632ARZ Datasheet
574Kb / 20P
   Ultralow Distortion, Wide BandwidthVoltage Feedback Op Amps
REV. C
AD8036 AD-AD8036_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036_2000 AD-AD8036_2000 Datasheet
425Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8037 AD-AD8037_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036 AD-AD8036 Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
AD8037ARZ AD-AD8037ARZ Datasheet
605Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com