Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD626AR Datasheet(PDF) 7 Page - Analog Devices

Part # AD626AR
Description  Low Cost, Single-Supply Differential Amplifi er
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD626AR Datasheet(HTML) 7 Page - Analog Devices

Back Button AD626AR Datasheet HTML 3Page - Analog Devices AD626AR Datasheet HTML 4Page - Analog Devices AD626AR Datasheet HTML 5Page - Analog Devices AD626AR Datasheet HTML 6Page - Analog Devices AD626AR Datasheet HTML 7Page - Analog Devices AD626AR Datasheet HTML 8Page - Analog Devices AD626AR Datasheet HTML 9Page - Analog Devices AD626AR Datasheet HTML 10Page - Analog Devices AD626AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD626
–7–
0.16
0.12
1
5
0.15
0.13
2
0.14
3
4
SUPPLY VOLTAGE – V
G = 10
TPC 13. Quiescent Supply Current vs. Supply Voltage
for Single-Supply Operation
2.0
0
1
5
1.5
0.5
2
1.0
3
4
SUPPLY VOLTAGE – V
TPC 14. Quiescent Supply Current vs. Supply Voltage
for Dual-Supply Operation
10
1.0
0.01
110
100k
10k
1k
100
0.1
FREQUENCY – Hz
GAIN = 10, 100
VS = 5V DUAL SUPPLY
TPC 15. Noise Voltage Spectral Density vs. Frequency
5 SECONDS PER HORIZONTAL DIVISION
TPC 16. 0.1 Hz to 10 Hz RTI Voltage Noise. VS = ±5 V,
Gain = 100
100
80
0
110
1M
100k
10k
1k
100
60
40
20
VALUE OF RESISTOR RG
FOR VS = 5V AND +5V
TPC 17. Closed-Loop Gain vs. RG
20
1M
60
40
1
0.1
100
80
120
140
100k
10k
1k
100
10
FREQUENCY – Hz
ALL CURVES FOR
GAINS OF 10 OR 100
SINGLE AND DUAL
–PSRR
DUAL
+PSRR
DUAL
+PSRR
SINGLE
+PSRR
TPC 18. Power Supply Rejection vs. Frequency
REV. D


Similar Part No. - AD626AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD626AR AD-AD626AR Datasheet
166Kb / 12P
   Low Cost, Single Supply Differential Amplifier
REV. C
AD626AR AD-AD626AR Datasheet
499Kb / 13P
   Low Cost, Single-Supply Differential Amplifi er
REV. D
AD626AR-REEL AD-AD626AR-REEL Datasheet
166Kb / 12P
   Low Cost, Single Supply Differential Amplifier
REV. C
AD626AR-REEL AD-AD626AR-REEL Datasheet
499Kb / 13P
   Low Cost, Single-Supply Differential Amplifi er
REV. D
AD626AR-REEL7 AD-AD626AR-REEL7 Datasheet
166Kb / 12P
   Low Cost, Single Supply Differential Amplifier
REV. C
More results

Similar Description - AD626AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD626 AD-AD626_15 Datasheet
554Kb / 13P
   Low Cost, Single-Supply Differential Amplifi er
REV. D
AD626ANZ AD-AD626ANZ Datasheet
499Kb / 13P
   Low Cost, Single-Supply Differential Amplifi er
REV. D
AD626 AD-AD626 Datasheet
166Kb / 12P
   Low Cost, Single Supply Differential Amplifier
REV. C
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
logo
Linear Technology
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com