Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD629AR-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD629AR-REEL7
Description  High Common-Mode Voltage, Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD629AR-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  AD629AR-REEL7 Datasheet HTML 1Page - Analog Devices AD629AR-REEL7 Datasheet HTML 2Page - Analog Devices AD629AR-REEL7 Datasheet HTML 3Page - Analog Devices AD629AR-REEL7 Datasheet HTML 4Page - Analog Devices AD629AR-REEL7 Datasheet HTML 5Page - Analog Devices AD629AR-REEL7 Datasheet HTML 6Page - Analog Devices AD629AR-REEL7 Datasheet HTML 7Page - Analog Devices AD629AR-REEL7 Datasheet HTML 8Page - Analog Devices AD629AR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD629
Rev. B | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage, VS
±18 V
Internal Power Dissipation1
8-Lead PDIP (N)
See Figure 4
8-Lead SOIC (R)
See Figure 4
Input Voltage Range, Continuous
±300 V
Common-Mode and Differential, 10 sec
±500 V
Output Short-Circuit Duration
Indefinite
Pin 1 and Pin 5
–VS − 0.3 V to +VS + 0.3 V
Maximum Junction Temperature
150°C
Operating Temperature Range
−55°C to +125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 60 sec)
300°C
1 Specification is for device in free air:
8-Lead PDIP, θJA = 100°C/W;
8-Lead SOIC, θJA = 155°C/W.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
AMBIENT TEMPERATURE (°C)
2.0
1.5
1.0
0.5
0
–50 –40 –30 –20 –10 0
10 20 30 40 50 60 70 80 90
8-LEAD SOIC
TJ = 150°C
8-LEAD PDIP
Figure 4. Maximum Power Dissipation vs. Temperature for SOIC and PDIP
ESD CAUTION


Similar Part No. - AD629AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629AR-REEL7 AD-AD629AR-REEL7 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
More results

Similar Description - AD629AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
REV. C
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
[Old version datasheet]   High Common-Mode Voltage Difference Amplifier
INA149-EP TI1-INA149-EP Datasheet
1Mb / 26P
[Old version datasheet]   HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
   Common Mode Voltage Difference Amplifier
logo
Burr-Brown (TI)
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
   짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
   270V Common Mode Voltage Difference Amplifier
logo
Texas Instruments
INA148 TI1-INA148 Datasheet
326Kb / 16P
[Old version datasheet]   200V Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com