Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD790AQ Datasheet(PDF) 8 Page - Analog Devices

Part # AD790AQ
Description  Fast, Precision Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD790AQ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD790AQ Datasheet HTML 4Page - Analog Devices AD790AQ Datasheet HTML 5Page - Analog Devices AD790AQ Datasheet HTML 6Page - Analog Devices AD790AQ Datasheet HTML 7Page - Analog Devices AD790AQ Datasheet HTML 8Page - Analog Devices AD790AQ Datasheet HTML 9Page - Analog Devices AD790AQ Datasheet HTML 10Page - Analog Devices AD790AQ Datasheet HTML 11Page - Analog Devices AD790AQ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD790
REV. D
–8–
2
3
1
4
6
7
5
8
TTL
LEVEL
OUTPUT
400 *
5V
+
GND
STANDARD
SCHOTTKY
DIODE
1k
A RESISTOR UP TO 10k
MAYBE USED TO
REDUCE THE SOURCE AND SINK CURRENT OF
THE DRIVER. HOWEVER, THIS WILL SLIGHTLY
LOWER THE MAXIMUM USABLE CLOCK RATE.
*
BIPOLAR
SIGNAL
INPUT
4.7V
0.3V
5V
Figure 11. A Bipolar to CMOS TTL Line Receiver (N, Q
Package Pinout)
Bipolar to CMOS/TTL
It is sometimes desirable to translate a bipolar signal (e.g.,
±5 V) coming from a communications cable or another section
of the system to CMOS/TTL logic levels; such an application is
referred to as a line receiver. Previously, the interface to the
bipolar signal required either a dual (
±) power supply or a refer-
ence voltage level about which the line receiver would switch.
The AD790 may be used in a simple circuit to provide a unique
capability: the ability to receive a bipolar signal while powered
from a single 5 V supply. Other comparators cannot perform
this task. Figure 11 shows a 1 k
Ω resistor in series with the input
signal which is then clamped by a Schottky diode, holding the
input of the comparator at 0.4 V below ground. Although the
comparator is specified for a common mode range down to –VS,
(in this case ground) it is permissible to bring one of the inputs
a few hundred mV below ground. The comparator switches
around this level and produces a CMOS/TTL compatible swing.
The circuit will operate to switching frequencies of 20 MHz.


Similar Part No. - AD790AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD790AQ AD-AD790AQ Datasheet
211Kb / 8P
   Fast, Precision Comparator
REV. B
AD790AQ AD-AD790AQ Datasheet
158Kb / 12P
   Fast, Precision Comparator
REV. D
AD790AQ AD-AD790AQ Datasheet
353Kb / 11P
   Fast, Precision Fast, Precision
More results

Similar Description - AD790AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD790 AD-AD790_15 Datasheet
316Kb / 10P
   Fast, Precision Comparator
Rev. E
AD790JRZ AD-AD790JRZ Datasheet
179Kb / 12P
   Fast, Precision Comparator
REV. D
AD790 AD-AD790 Datasheet
211Kb / 8P
   Fast, Precision Comparator
REV. B
AD790JNZ AD-AD790JNZ Datasheet
158Kb / 12P
   Fast, Precision Comparator
REV. D
logo
Linear Technology
LT1016 LINER-LT1016 Datasheet
911Kb / 20P
   Ultra Fast Precision Comparator
logo
New Japan Radio
NJM311 NJRC-NJM311 Datasheet
194Kb / 6P
   PRECISION VOLTAGE COMPARATOR
logo
Fairchild Semiconductor
UA734 FAIRCHILD-UA734 Datasheet
509Kb / 10P
   PRECISION VOLTAGE COMPARATOR
logo
Renesas Technology Corp
PC311 RENESAS-PC311_15 Datasheet
359Kb / 12P
   PRECISION VOLTAGE COMPARATOR
logo
Linear Technology
RH1016 LINER-RH1016_15 Datasheet
146Kb / 2P
   UltraFast Precision 10ns Comparator
RH1016M LINER-RH1016M_15 Datasheet
121Kb / 6P
   UltraFast Precision 10ns Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com