Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD629BR Datasheet(PDF) 8 Page - Analog Devices

Part # AD629BR
Description  High Common-Mode Voltage, Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD629BR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD629BR Datasheet HTML 4Page - Analog Devices AD629BR Datasheet HTML 5Page - Analog Devices AD629BR Datasheet HTML 6Page - Analog Devices AD629BR Datasheet HTML 7Page - Analog Devices AD629BR Datasheet HTML 8Page - Analog Devices AD629BR Datasheet HTML 9Page - Analog Devices AD629BR Datasheet HTML 10Page - Analog Devices AD629BR Datasheet HTML 11Page - Analog Devices AD629BR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD629
Rev. B | Page 8 of 16
VOUT
5V/DIV
1mV/DIV
OUTPUT
ERROR
0V
+10V
10µs/DIV
1mV = 0.01%
Figure 23. Settling Time to 0.01%, for 0 V to 10 V Output Step; G = −1, RL = 2 kΩ
COMMON-MODE REJECTION RATIO (ppm)
350
300
250
200
150
100
50
0
–150
–50
–100
50
01
100
50
N = 2180
n ≈ 200 PCS. FROM
10 ASSEMBLY LOTS
Figure 24. Typical Distribution of Common-Mode Rejection; Package Option N-8
–1 GAIN ERROR (ppm)
400
300
250
350
200
150
100
50
0
–600
–200
–400
200
06
400
00
N = 2180
n ≈ 200 PCS. FROM
10 ASSEMBLY LOTS
Figure 25. Typical Distribution of −1 Gain Error; Package Option N-8
VOUT
5V/DIV
1mV/DIV
OUTPUT
ERROR
0V
–10V
10µs/DIV
1mV = 0.01%
Figure 26. Settling Time to 0.01% for 0 V to −10 V Output Step; G = −1, RL = 2kΩ
OFFSET VOLTAGE (µV)
300
250
200
150
100
50
0
–900
–300
–600
300
09
600
00
N = 2180
n ≈ 200 PCS. FROM
10 ASSEMBLY LOTS
Figure 27. Typical Distribution of Offset Voltage; Package Option N-8
+1 GAIN ERROR (ppm)
400
300
250
350
200
150
100
50
0
–600
–200
–400
200
0
600
400
N = 2180
n ≈ 200 PCS. FROM
10 ASSEMBLY LOTS
Figure 28. Typical Distribution of +1 Gain Error; Package Option N-8


Similar Part No. - AD629BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629BR AD-AD629BR Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
AD629BR-REEL AD-AD629BR-REEL Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
AD629BR-REEL7 AD-AD629BR-REEL7 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
More results

Similar Description - AD629BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
REV. C
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
[Old version datasheet]   High Common-Mode Voltage Difference Amplifier
INA149-EP TI1-INA149-EP Datasheet
1Mb / 26P
[Old version datasheet]   HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
   Common Mode Voltage Difference Amplifier
logo
Burr-Brown (TI)
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
   짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
   270V Common Mode Voltage Difference Amplifier
logo
Texas Instruments
INA148 TI1-INA148 Datasheet
326Kb / 16P
[Old version datasheet]   200V Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com