Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD629BR Datasheet(PDF) 9 Page - Analog Devices

Part # AD629BR
Description  High Common-Mode Voltage, Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD629BR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD629BR Datasheet HTML 5Page - Analog Devices AD629BR Datasheet HTML 6Page - Analog Devices AD629BR Datasheet HTML 7Page - Analog Devices AD629BR Datasheet HTML 8Page - Analog Devices AD629BR Datasheet HTML 9Page - Analog Devices AD629BR Datasheet HTML 10Page - Analog Devices AD629BR Datasheet HTML 11Page - Analog Devices AD629BR Datasheet HTML 12Page - Analog Devices AD629BR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD629
Rev. B | Page 9 of 16
THEORY OF OPERATION
The AD629 is a unity gain, differential-to-single-ended
amplifier (diff amp) that can reject extremely high common-
mode signals (in excess of 270 V with 15 V supplies). It consists
of an operational amplifier (op amp) and a resistor network.
To achieve high common-mode voltage range, an internal
resistor divider (Pin 3 or Pin 5) attenuates the noninverting
signal by a factor of 20. Other internal resistors (Pin 1, Pin 2,
and the feedback resistor) restore the gain to provide a differential
gain of unity. The complete transfer function equals
VOUT = V (+IN) − V (−IN)
Laser wafer trimming provides resistor matching so that
common-mode signals are rejected while differential input
signals are amplified.
To reduce output drift, the op amp uses super beta transistors
in its input stage. The input offset current and its associated
temperature coefficient contribute no appreciable output
voltage offset or drift, which has the added benefit of reducing
voltage noise because the corner where 1/f noise becomes
dominant is below 5 Hz. To reduce the dependence of gain
accuracy on the op amp, the open-loop voltage gain of the op
amp exceeds 20 million, and the PSRR exceeds 140 dB.
1
2
3
4
8
7
6
5
21.1kΩ
380kΩ
380kΩ
380kΩ
20kΩ
REF(–)
–IN
+IN
–VS
NC
+VS
OUTPUT
REF(+)
AD629
NC = NO CONNECT
Figure 29. Functional Block Diagram


Similar Part No. - AD629BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629BR AD-AD629BR Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
AD629BR-REEL AD-AD629BR-REEL Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
AD629BR-REEL7 AD-AD629BR-REEL7 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
More results

Similar Description - AD629BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
REV. C
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
[Old version datasheet]   High Common-Mode Voltage Difference Amplifier
INA149-EP TI1-INA149-EP Datasheet
1Mb / 26P
[Old version datasheet]   HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
   Common Mode Voltage Difference Amplifier
logo
Burr-Brown (TI)
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
   짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
   270V Common Mode Voltage Difference Amplifier
logo
Texas Instruments
INA148 TI1-INA148 Datasheet
326Kb / 16P
[Old version datasheet]   200V Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com