Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8822QBDBTR Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC8822QBDBTR
Description  16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8822QBDBTR Datasheet(HTML) 5 Page - Burr-Brown (TI)

  DAC8822QBDBTR Datasheet HTML 1Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 2Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 3Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 4Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 5Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 6Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 7Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 8Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
DAC8822
SBAS390A – DECEMBER 2006 – REVISED MARCH 2007
PIN ASSIGNMENTS (continued)
Table 1. TERMINAL FUNCTIONS
PIN #
NAME
DESCRIPTION
1, 2, 24-28,
D0-D15
Digital Input Data Bits D0 to D15. Signal level must be
≤ V
DD +0.3V. D15 is MSB.
30-38
Bipolar Offset Resistor A. Accepts up to
±18V.
3
ROFSA
In 2-quadrant mode, ROFSA ties to RFBA.
In 4-quadrant mode, ROFSA ties to R1A and the external reference.
4
RFBA
Internal Matching Feedback Resistor A. Connects to the external op amp for I-V conversion.
4-Quadrant Resistor.
5
R1A
In 2-quadrant mode, R1A shorts to the VREFA pin.
In 4-quadrant mode, R1A ties to ROFSA and the reference input.
Center Tap Point of the Two 4-Quadrant Resistors, R1A and R2A.
6
RCOMA
In 2-quadrant mode, RCOMA shorts to the VREF pin.
In 4-quadrant mode, RCOMA ties to the inverting node of the reference amplifier.
DAC A Reference Input in 2-Quadrant Mode, R2 Terminal in 4-Quadrant Mode.
7
VREFA
In 2-quadrant mode, VREFA is the reference input with constant input resistance versus code.
In 4-quadrant mode, VREFA is driven by the external reference amplifier.
DAC A Current Output. Connects to the inverting terminal of external precision I-V op amp for voltage
8
IOUTA
output.
9
AGNDA
DAC A Analog Ground.
10
DGND
Digital Ground.
11
AGNDB
DAC B Analog Ground.
DAC B Current Output. Connects to the inverting terminal of external precision I-V op amp for voltage
12
IOUTB
output.
DAC B Reference Input in 2-Quadrant Mode, R2 Terminal in 4-Quadrant Mode.
13
VREFB
In 2-quadrant mode, VREFB is the reference input with constant input resistance versus code.
In 4-quadrant mode, VREFB is driven by the external reference amplifier.
Center Tap Point of the Two 4-Quadrant Resistors, R1B and R2B.
14
RCOMB
In 2-quadrant mode, RCOMB shorts to the VREF pin.
In 4-quadrant mode, RCOMB ties to the inverting node of the reference amplifier.
4-Quadrant Resistor.
15
R1B
In 2-quadrant mode, R1B shorts to the VREFB pin.
In 4-quadrant mode, R1B ties to ROFSB and the reference input.
16
RFBB
Internal Matching Feedback Resistor B. Connects to external op amp for I-V conversion.
Bipolar Offset Resistor B. Accepts up to
±18V.
17
ROFSB
In 2-quadrant mode, ROFSB ties to RFBB.
In 4-quadrant mode, ROFSB ties to R1B and the external reference.
Write Control Digital Input In, Active Low. WR enables input registers.
18
WR
Signal level must be
≤ V
DD + 0.3V.
19
A0
Address 0. Signal level must be
≤ V
DD + 0.3V.
20
A1
Address 1. Signal level must be
≤ V
DD + 0.3V.
Digital Input Load DAC Control. Signal level must be
≤ V
DD + 0.3V. See the Function of Control Inputs
21
LDAC
table for details.
Power-On Reset State.
RSTSEL = 0 corresponds to zero-scale reset.
22
RSTSEL
RSTSEL = 1 corresponds to midscale reset.
The signal level must be
≤ V
DD + 0.3V.
Reset. Active low resets both input and DAC registers.
23
RS
Resets to zero-scale if RSTSEL= 0, and to midscale if RSTSEL = 1.
Signal level must be equal to or less than VDD + 0.3 V.
29
VDD
Positive Power Supply Input. The specified range of operation is 2.7V to 5.5V.
5
Submit Documentation Feedback


Similar Part No. - DAC8822QBDBTR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8822QBDBTR BURR-BROWN-DAC8822QBDBTR Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QBDBTRG4 BURR-BROWN-DAC8822QBDBTRG4 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8822QBDBTR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8820 TI-DAC8820 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC7822 TI1-DAC7822_14 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
[Old version datasheet]   12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com