Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7400YRWZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD7400YRWZ
Description  Isolated Sigma-Delta Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7400YRWZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7400YRWZ Datasheet HTML 2Page - Analog Devices AD7400YRWZ Datasheet HTML 3Page - Analog Devices AD7400YRWZ Datasheet HTML 4Page - Analog Devices AD7400YRWZ Datasheet HTML 5Page - Analog Devices AD7400YRWZ Datasheet HTML 6Page - Analog Devices AD7400YRWZ Datasheet HTML 7Page - Analog Devices AD7400YRWZ Datasheet HTML 8Page - Analog Devices AD7400YRWZ Datasheet HTML 9Page - Analog Devices AD7400YRWZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD7400
Rev. A | Page 6 of 20
DIN EN 60747-5-2 (VDE 0884 PART 2) INSULATION CHARACTERISTICS
This isolator is suitable for basic electrical isolation only within the safety limit data. Maintenance of the safety data is ensured by means
of protective circuits.
Table 5.
Description
Symbol
Characteristic
Unit
INSTALLATION CLASSIFICATION PER DIN VDE 0110
For Rated Mains Voltage ≤ 300 V rms
I–IV
For Rated Mains Voltage ≤ 450 V rms
I–II
For Rated Mains Voltage ≤ 600 V rms
I–II
CLIMATIC CLASSIFICATION
40/105/21
POLLUTION DEGREE (DIN VDE 0110, Table 1)
2
MAXIMUM WORKING INSULATION VOLTAGE
VIORM
891
V peak
INPUT-TO-OUTPUT TEST VOLTAGE, METHOD B1
VIORM × 1.875 = VPR, 100% Production Test, tm = 1 sec, Partial Discharge < 5 pC
VPR
1671
V peak
INPUT-TO-OUTPUT TEST VOLTAGE, METHOD A
VPR
After Environmental Test Subgroup 1
1426
V peak
VIORM × 1.6 = VPR, tm = 60 sec, Partial Discharge < 5 pC
After Input and/or Safety Test Subgroup 2/3
1069
V peak
VIORM × 1.2 = VPR, tm = 60 sec, Partial Discharge < 5 pC
HIGHEST ALLOWABLE OVERVOLTAGE (TRANSIENT OVERVOLTAGE, tTR = 10 sec)
VTR
6000
V peak
SAFETY-LIMITING VALUES (MAXIMUM VALUE ALLOWED IN THE EVENT OF A FAILURE, ALSO SEE Figure 4)
Case Temperature
TS
150
°C
Side 1 Current
IS1
265
mA
Side 2 Current
IS2
335
mA
INSULATION RESISTANCE AT TS, VIO = 500 V
RS
>109
Ω
CASE TEMPERATURE (°C)
0
0
350
300
250
200
150
100
50
50
100
150
200
SIDE #1
SIDE #2
Figure 4. Thermal Derating Curve, Dependence of Safety-Limiting Values
with Case Temperature per DIN EN 60747-5-2


Similar Part No. - AD7400YRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7400YRWZ AD-AD7400YRWZ Datasheet
395Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. H
AD7400YRWZ-REEL AD-AD7400YRWZ-REEL Datasheet
395Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. H
AD7400YRWZ-REEL7 AD-AD7400YRWZ-REEL7 Datasheet
395Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. H
More results

Similar Description - AD7400YRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401 Datasheet
462Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. F
AD7401A AD-AD7401A Datasheet
436Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
AD7401_0612 AD-AD7401_0612 Datasheet
460Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. A
AD7400A AD-AD7400A Datasheet
326Kb / 19P
   Isolated Sigma-Delta Modulator
Rev. PrA
AD7400A AD-AD7400A_V01 Datasheet
400Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com