Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7400YRWZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD7400YRWZ
Description  Isolated Sigma-Delta Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7400YRWZ Datasheet(HTML) 3 Page - Analog Devices

  AD7400YRWZ Datasheet HTML 1Page - Analog Devices AD7400YRWZ Datasheet HTML 2Page - Analog Devices AD7400YRWZ Datasheet HTML 3Page - Analog Devices AD7400YRWZ Datasheet HTML 4Page - Analog Devices AD7400YRWZ Datasheet HTML 5Page - Analog Devices AD7400YRWZ Datasheet HTML 6Page - Analog Devices AD7400YRWZ Datasheet HTML 7Page - Analog Devices AD7400YRWZ Datasheet HTML 8Page - Analog Devices AD7400YRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD7400
Rev. A | Page 3 of 20
SPECIFICATIONS
VDD1 = 4.5 V to 5.25 V, VDD2 = 3 V to 5.5 V, VIN+ = −200 mV to +200 mV, and VIN− = 0 V (single-ended); TA = TMIN to TMAX,
fMCLK = 10 MHz, tested with Sinc3 filter, 256 decimation rate, as defined by Verilog code, unless otherwise noted.1
Table 1.
Parameter
Y Version1, 2
Unit
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
16
Bits min
Filter output truncated to 16 bits
Integral Nonlinearity3
±15
LSB max
−40°C to +85°C; ±2 LSB typical
±25
LSB max
>85°C to 105°C
Differential Nonlinearity3
±0.9
LSB max
Guaranteed no missing codes to 16 bits
Offset Error3
±0.5
mV max
±50
μV typ
TA = 25°C
Offset Drift vs. Temperature3
3.5
μV/°C max
−40°C to +105°C
1
μV/°C typ
Offset Drift vs. VDD1
120
μV/V typ
Gain Error3
±1
mV max
Gain Error Drift vs. Temperature3
23
μV/°C typ
−40°C to +105°C
Gain Error Drift vs. VDD13
110
μV/V typ
ANALOG INPUT
Input Voltage Range
±200
mV min/mV max
For specified performance; full range ±320 mV
Dynamic Input Current
±7
μA max
VIN+ = 400 mV, VIN− = 0 V
±0.5
μA typ
VIN+ = VIN− = 0 V
Input Capacitance
10
pF typ
DYNAMIC SPECIFICATIONS
VIN+ = 35 Hz, 400 mV p-p sine
Signal-to-(Noise + Distortion) Ratio (SINAD)3
70
dB min
−40°C to +85°C
65
dB min
>85°C to 105°C
79
dB typ
Signal-to-Noise Ratio (SNR)3
71
dB min
−40°C to +105°C
Total Harmonic Distortion (THD)3
−88
dB typ
Peak Harmonic or Spurious Noise (SFDR)3
−88
dB typ
Effective Number of Bits (ENOB)3
11.5
Bits
Isolation Transient Immunity3
25
kV/μs min
30
kV/μs typ
LOGIC OUTPUTS
Output High Voltage, VOH
VDD2 − 0.1
V min
IO = −200 μA
Output Low Voltage, VOL
0.4
V max
IO = +200 μA
POWER REQUIREMENTS
VDD1
4.5/5.25
V min/V max
VDD2
3/5.5
V min/V max
IDD14
12
mA max
VDD1 = 5.25 V
IDD25
6
mA max
VDD2 = 5.5 V
4
mA max
VDD2 = 3.3 V
1 Temperature range is −40°C to +85°C.
2 All voltages are relative to their respective ground.
3 See the Terminology section.
4 See Figure 14.
5 See Figure 15.


Similar Part No. - AD7400YRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7400YRWZ AD-AD7400YRWZ Datasheet
395Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. H
AD7400YRWZ-REEL AD-AD7400YRWZ-REEL Datasheet
395Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. H
AD7400YRWZ-REEL7 AD-AD7400YRWZ-REEL7 Datasheet
395Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. H
More results

Similar Description - AD7400YRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401 Datasheet
462Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. F
AD7401A AD-AD7401A Datasheet
436Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
AD7401_0612 AD-AD7401_0612 Datasheet
460Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. A
AD7400A AD-AD7400A Datasheet
326Kb / 19P
   Isolated Sigma-Delta Modulator
Rev. PrA
AD7400A AD-AD7400A_V01 Datasheet
400Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com