Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8055 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8055
Description  Low Cost, 300 MHz Voltage Feedback Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8055 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8055 Datasheet HTML 2Page - Analog Devices AD8055 Datasheet HTML 3Page - Analog Devices AD8055 Datasheet HTML 4Page - Analog Devices AD8055 Datasheet HTML 5Page - Analog Devices AD8055 Datasheet HTML 6Page - Analog Devices AD8055 Datasheet HTML 7Page - Analog Devices AD8055 Datasheet HTML 8Page - Analog Devices AD8055 Datasheet HTML 9Page - Analog Devices AD8055 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8055/AD8056
Rev. J | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0V
1V
5ns
0V
20mV
5ns
Figure 34
Figure 6. Small Step Response, G = +1 (See
)
Figure 35
Figure 9. Large Step Response, G = −1 (See
)
5ns
1V
0V
FREQUENCY (Hz)
5
4
–5
3
2
1
0
–1
–2
–3
–4
VIN
RC
50Ω
RG
RF
RL
VOUT
VOUT = 100mV p-p
RL = 100Ω
G= +2
RF =402Ω
G= +1
RF =0Ω
RC =100Ω
G= +10
RF =909Ω
G= +5
RF = 1000Ω
1G
100M
10M
1M
0.3M
Figure 7. Large Step Response, G = +1 (See Figure 34)
Figure 10. Small Signal Frequency Response, G = +1, G = +2, G = +5, G = +10
5ns
20mV
0V
FREQUENCY (Hz)
5
4
–5
3
2
1
0
–1
–2
–3
–4
1G
100M
10M
1M
0.3M
VOUT =2Vp-p
RL = 100Ω
G= +1
RF =0Ω
G= +2
RF =402Ω
G= +10
RF =909Ω
G= +5
RF = 1000Ω
Figure 8. Small Step Response, G = −1 (See Figure 35)
Figure 11. Large Signal Frequency Response, G = +1, G = +2, G = +5, G = +10


Similar Part No. - AD8055

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055AN AD-AD8055AN Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055AN AD-AD8055AN Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ANZ AD-AD8055ANZ Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055AR AD-AD8055AR Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
More results

Similar Description - AD8055

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8057 AD-AD8057 Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
AD8061 AD-AD8061 Datasheet
314Kb / 16P
   Low-Cost, 300 MHz Rail-to-Rail Amplifiers
REV. C
AD8061 AD-AD8061_07 Datasheet
530Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E
AD8061 AD-AD8061_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8062 AD-AD8062_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com