Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8129 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8129
Description  Low Cost 270 MHz Differential Receiver Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129 Datasheet(HTML) 1 Page - Analog Devices

  AD8129 Datasheet HTML 1Page - Analog Devices AD8129 Datasheet HTML 2Page - Analog Devices AD8129 Datasheet HTML 3Page - Analog Devices AD8129 Datasheet HTML 4Page - Analog Devices AD8129 Datasheet HTML 5Page - Analog Devices AD8129 Datasheet HTML 6Page - Analog Devices AD8129 Datasheet HTML 7Page - Analog Devices AD8129 Datasheet HTML 8Page - Analog Devices AD8129 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Low Cost 270 MHz
Differential Receiver Amplifiers
AD8129/AD8130
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
High speed
AD8130: 270 MHz, 1090 V/μs @ G = +1
AD8129: 200 MHz, 1060 V/μs @ G = +10
High CMRR
94 dB min, dc to 100 kHz
80 dB min @ 2 MHz
70 dB @ 10 MHz
High input impedance: 1 MΩ differential
Input common-mode range ±10.5 V
Low noise
AD8130: 12.5 nV/√Hz
AD8129: 4.5 nV/√Hz
Low distortion, 1 V p-p @ 5 MHz
AD8130, −79 dBc worst harmonic @ 5 MHz
AD8129, −74 dBc worst harmonic @ 5 MHz
User-adjustable gain
No external components for G = +1
Power supply range +4.5 V to ±12.6 V
Power-down
APPLICATIONS
High speed differential line receivers
Differential-to-single-ended converters
High speed instrumentation amps
Level shifting
CONNECTION DIAGRAM
AD8129/
AD8130
1
2
3
4
+IN
–IN
–VS
+VS
PD
OUT
REF
FB
8
7
6
5
+
Figure 1.
The AD8129/AD8130 are differential-to-single-ended amplifiers
with extremely high CMRR at high frequency. Therefore, they
can also be effectively used as high speed instrumentation amps
or for converting differential signals to single-ended signals.
The AD8129 is a low noise, high gain (10 or greater) version
intended for applications over very long cables, where signal
attenuation is significant. The AD8130 is stable at a gain of 1
and can be used for applications where lower gains are required.
Both have user-adjustable gain to help compensate for losses in
the transmission line. The gain is set by the ratio of two resistor
values. The AD8129/AD8130 have very high input impedance
on both inputs, regardless of the gain setting.
GENERAL DESCRIPTION
The AD8129/AD8130 are designed as receivers for the
transmission of high speed signals over twisted-pair cables to
work with the AD8131 or AD8132 drivers. Either can be used
for analog or digital video signals and for high speed data
transmission.
120
110
100
90
80
70
60
50
40
30
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 2. AD8129 CMRR vs. Frequency
The AD8129/AD8130 have excellent common-mode rejection
(70 dB @ 10 MHz), allowing the use of low cost, unshielded
twisted-pair cables without fear of corruption by external noise
sources or crosstalk. The AD8129/AD8130 have a wide power
supply range from single +5 V to ±12 V, allowing wide common-
mode and differential-mode voltage ranges while maintaining
signal integrity. The wide common-mode voltage range enables
the driver-receiver pair to operate without isolation transformers
in many systems where the ground potential difference between
drive and receive locations is many volts. The AD8129/AD8130
have considerable cost and performance improvements over
op amps and other multiamplifier receiving solutions.
RF
VOUT
VIN
RG
VOUT =VIN [1+(RF/RG)]
PD
+VS
–VS
1
8
4
5
3
2
7
6
Figure 3. Typical Connection Configuration


Similar Part No. - AD8129

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8129 AD-AD8129 Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
AD8129-EVAL AD-AD8129-EVAL Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
AD8129AR AD-AD8129AR Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
AD8129AR-REEL1 AD-AD8129AR-REEL1 Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
AD8129AR-REEL72 AD-AD8129AR-REEL72 Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
More results

Similar Description - AD8129

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8129 AD-AD8129_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129 AD-AD8129 Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
AD8130 AD-AD8130_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com