Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLFC455D Datasheet(PDF) 2 Page - TOKO, Inc

Part # BLFC455D
Description  AM CERAMIC FILTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

BLFC455D Datasheet(HTML) 2 Page - TOKO, Inc

  BLFC455D Datasheet HTML 1Page - TOKO, Inc BLFC455D Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LFC/LFCM
AM CERAMIC FILTERS
August 2005
2
© 2005 TOKO America, Inc.
All Rights Reserved
Printed in USA
CF-317-LFC/M
R-LOG0805A
TOKO America, Inc.
1250 Feehanville Drive, Mount Prospect, Illinois 60056
Tel: (847) 297-0070 Fax: (847) 699-7864 Web: http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture
of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or
other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Frequency Response
LFC / LFCM (4 element)
415 425 435 445 455 465 475 485
100
80
60
495
40
20
0
Frequency (kHz)
C
E
H
Bandwidth
Rank:
C = ±12.5kHz
E = ±7.5kHz
H = ±3kHz
Z = Rg + R1 =R2
E.V.
1
2
3
SG.
50
E1
R1
R2
E2
Rg
Z = Rg + R1 =R2
E.V.
1
2
3
SG.
E1
R1
R2
E2
4
50
Rg
1. C includes test circuit capacitance.
2. R1, R2: Input-output impedance
Cs: Stray capacitance
(less than 50pF, including EV)
LFC
Test circuit
LFCM
Test circuit
Test Circuit
Test Conditions


Similar Part No. - BLFC455D

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BLFCV-1570 MINI-BLFCV-1570 Datasheet
380Kb / 2P
   Balance Filter
REV. OR
BLFCV-1570++ MINI-BLFCV-1570+ Datasheet
380Kb / 2P
   Balance Filter
REV. OR
More results

Similar Description - BLFC455D

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
CFA TOKO-CFA Datasheet
95Kb / 1P
   AM CERAMIC FILTERS
LFY TOKO-LFY Datasheet
194Kb / 2P
   AM CERAMIC FILTERS
CFM2 TOKO-CFM2 Datasheet
96Kb / 1P
   AM CERAMIC FILTERS
CFMM2 TOKO-CFMM2 Datasheet
118Kb / 1P
   AM CERAMIC FILTERS
CFMR TOKO-CFMR Datasheet
95Kb / 1P
   AM CERAMIC FILTERS
ALFY455H TOKO-ALFY455H Datasheet
117Kb / 1P
   AM CERAMIC FILTERS
CFJW TOKO-CFJW Datasheet
90Kb / 1P
   AM CERAMIC FILTERS
logo
Token Electronics Indus...
LTP455A TOKEN-LTP455A Datasheet
322Kb / 3P
   LTP Ceramic Filters for AM
LTZ455HL TOKEN-LTZ455HL Datasheet
300Kb / 3P
   LTZ Ceramic Filters for AM
logo
TOKO, Inc
CFMA TOKO-CFMA Datasheet
114Kb / 1P
   AM CERAMIC FILTERS WITH MATCHING COIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com