Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8132AR Datasheet(PDF) 3 Page - Analog Devices

Part # AD8132AR
Description  Low Cost, High Speed Differential Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8132AR Datasheet(HTML) 3 Page - Analog Devices

  AD8132AR Datasheet HTML 1Page - Analog Devices AD8132AR Datasheet HTML 2Page - Analog Devices AD8132AR Datasheet HTML 3Page - Analog Devices AD8132AR Datasheet HTML 4Page - Analog Devices AD8132AR Datasheet HTML 5Page - Analog Devices AD8132AR Datasheet HTML 6Page - Analog Devices AD8132AR Datasheet HTML 7Page - Analog Devices AD8132AR Datasheet HTML 8Page - Analog Devices AD8132AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD8132
Rev. F | Page 3 of 32
SPECIFICATIONS
±DIN TO ±OUT SPECIFICATIONS
At TA = 25°C, VS = ±5 V, VOCM = 0 V, G = 1, RL,dm = 499 Ω, RF = RG = 348 Ω, unless otherwise noted. For G = 2, RL,dm = 200 Ω, RF = 1000 Ω,
RG = 499 Ω. Refer to Figure 56 and Figure 57 for test setup and label descriptions. All specifications refer to single-ended input and
differential outputs, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Large Signal Bandwidth
VOUT = 2 V p-p
300
350
MHz
VOUT = 2 V p-p, G = 2
190
MHz
−3 dB Small Signal Bandwidth
VOUT = 0.2 V p-p
360
MHz
VOUT = 0.2 V p-p, G = 2
160
MHz
Bandwidth for 0.1 dB Flatness
VOUT = 0.2 V p-p
90
MHz
VOUT = 0.2 V p-p, G = 2
50
MHz
Slew Rate
VOUT = 2 V p-p
1000
1200
V/μs
Settling Time
0.1%, VOUT = 2 V p-p
15
ns
Overdrive Recovery Time
VIN = 5 V to 0 V step, G = 2
5
ns
NOISE/HARMONIC PERFORMANCE
Second Harmonic
VOUT = 2 V p-p, 1 MHz, RL, dm = 800 Ω
−96
dBc
VOUT = 2 V p-p, 5 MHz, RL, dm = 800 Ω
−83
dBc
VOUT = 2 V p-p, 20 MHz, RL, dm = 800 Ω
−73
dBc
Third Harmonic
VOUT = 2 V p-p, 1 MHz, RL, dm = 800 Ω
−102
dBc
VOUT = 2 V p-p, 5 MHz, RL, dm = 800 Ω
−98
dBc
VOUT = 2 V p-p, 20 MHz, RL, dm = 800 Ω
−67
dBc
IMD
20 MHz, RL, dm = 800 Ω
−76
dBc
IP3
20 MHz, RL, dm = 800 Ω
40
dBm
Input Voltage Noise (RTI)
f = 0.1 MHz to 100 MHz
8
nV/√Hz
Input Current Noise
f = 0.1 MHz to 100 MHz
1.8
pA/√Hz
Differential Gain Error
NTSC, G = 2, RL, dm = 150 Ω
0.01
%
Differential Phase Error
NTSC, G = 2, RL, dm = 150 Ω
0.10
Degrees
INPUT CHARACTERISTICS
Offset Voltage (RTI)
VOS, dm = VOUT, dm/2; VDIN+ = VDIN− = VOCM = 0 V
±1.0
±3.5
mV
TMIN to TMAX variation
10
μV/°C
Input Bias Current
3
7
μA
Input Resistance
Differential
12
Common mode
3.5
Input Capacitance
1
pF
Input Common-Mode Voltage
−4.7 to +3.0
V
CMRR
ΔVOUT, dm/ΔVIN, cm; ΔVIN, cm = ±1 V; resistors matched to 0.01%
−70
−60
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Maximum ΔVOUT; single-ended output
−3.6 to +3.6
V
Output Current
+70
mA
Output Balance Error
ΔVOUT, cm/ΔVOUT, dm; ΔVOUT, dm = 1 V
−70
dB


Similar Part No. - AD8132AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8132AR AD-AD8132AR Datasheet
391Kb / 20P
   Low-Cost, High-Speed Differential Amplifier
REV. 0
AD8132AR AD-AD8132AR Datasheet
621Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132AR AD-AD8132AR Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132AR AD-AD8132AR Datasheet
524Kb / 33P
   Low Cost, High Speed Differential Amplifier
AD8132AR-REEL AD-AD8132AR-REEL Datasheet
391Kb / 20P
   Low-Cost, High-Speed Differential Amplifier
REV. 0
More results

Similar Description - AD8132AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8132 AD-AD8132 Datasheet
391Kb / 20P
   Low-Cost, High-Speed Differential Amplifier
REV. 0
AD8132 AD-AD8132_16 Datasheet
524Kb / 33P
   Low Cost, High Speed Differential Amplifier
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132 AD-AD8132_09 Datasheet
621Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132 AD-AD8132_15 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8131 AD-AD8131_05 Datasheet
378Kb / 20P
   Low Cost, High Speed Differential Driver
REV. B
AD8131 AD-AD8131_15 Datasheet
479Kb / 21P
   Low Cost, High Speed Differential Driver
REV. B
AD8131 AD-AD8131 Datasheet
197Kb / 12P
   Low-Cost, High-Speed Differential Driver
REV. 0
AD518 AD-AD518 Datasheet
127Kb / 2P
   LOW-COST HIGH-SPEED, IC OPERATIONAL AMPLIFIER
REV. B
AD518 AD-AD518_15 Datasheet
1Mb / 4P
   LOW COST HIGH SPEED IC OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com