Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8131ARZ-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8131ARZ-REEL7
Description  Low Cost, High Speed Differential Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8131ARZ-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  AD8131ARZ-REEL7 Datasheet HTML 1Page - Analog Devices AD8131ARZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8131ARZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8131ARZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8131ARZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8131ARZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8131ARZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8131ARZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8131ARZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8131
Rev. B | Page 4 of 20
VOCM TO ±OUT SPECIFICATIONS
25°C, VS = ±5 V, VOCM = 0 V, G = 2, RL, dm = 200 Ω, unless otherwise noted. Refer to Figure 5 and Figure 39 for test setup and label
descriptions. All specifications refer to single-ended input and differential outputs, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
ΔVOCM = 600 mV
210
MHz
Slew Rate
VOCM = −1 V to +1 V
500
V/μs
DC PERFORMANCE
Input Voltage Range
±3.6
V
Input Resistance
120
Input Offset Voltage
VOS, cm = VOUT, cm; VDIN+ = VDIN− = VOCM = 0 V
±1.5
±7
mV
VOCM = float
±2.5
mV
Input Bias Current
0.5
μA
VOCM CMRR
ΔVOUT, dm/ΔVOCM; ΔVOCM = ±0.5 V
−60
dB
Gain
ΔVOUT, cm/ΔVOCM; ΔVOCM = ±1 V
0.988
1
1.012
V/V
POWER SUPPLY
Operating Range
±1.4
± 5.5
V
Quiescent Current
VDIN+ = VDIN− = VOCM = 0 V
10.5
11.5
12.5
mA
TMIN to TMAX variation
25
μA/°C
Power Supply Rejection Ratio
ΔVOUT, dm/ΔVS; ΔVS = ±1 V
−70
−56
dB
OPERATING TEMPERATURE RANGE
−40
+125
°C


Similar Part No. - AD8131ARZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8131AR AD-AD8131AR Datasheet
197Kb / 12P
   Low-Cost, High-Speed Differential Driver
REV. 0
AD8131AR-REEL AD-AD8131AR-REEL Datasheet
197Kb / 12P
   Low-Cost, High-Speed Differential Driver
REV. 0
AD8131AR-REEL7 AD-AD8131AR-REEL7 Datasheet
197Kb / 12P
   Low-Cost, High-Speed Differential Driver
REV. 0
AD8131ARM AD-AD8131ARM Datasheet
197Kb / 12P
   Low-Cost, High-Speed Differential Driver
REV. 0
AD8131ARM-REEL AD-AD8131ARM-REEL Datasheet
197Kb / 12P
   Low-Cost, High-Speed Differential Driver
REV. 0
More results

Similar Description - AD8131ARZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8131 AD-AD8131 Datasheet
197Kb / 12P
   Low-Cost, High-Speed Differential Driver
REV. 0
AD8131 AD-AD8131_15 Datasheet
479Kb / 21P
   Low Cost, High Speed Differential Driver
REV. B
AD8132 AD-AD8132 Datasheet
391Kb / 20P
   Low-Cost, High-Speed Differential Amplifier
REV. 0
AD8132 AD-AD8132_16 Datasheet
524Kb / 33P
   Low Cost, High Speed Differential Amplifier
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. F
AD8132 AD-AD8132_09 Datasheet
621Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132 AD-AD8132_15 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com