Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8062ARMZ-RL Datasheet(PDF) 9 Page - Analog Devices

Part # AD8062ARMZ-RL
Description  Low Cost, 300 MHz Rail-to-Rail Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8062ARMZ-RL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8062ARMZ-RL Datasheet HTML 5Page - Analog Devices AD8062ARMZ-RL Datasheet HTML 6Page - Analog Devices AD8062ARMZ-RL Datasheet HTML 7Page - Analog Devices AD8062ARMZ-RL Datasheet HTML 8Page - Analog Devices AD8062ARMZ-RL Datasheet HTML 9Page - Analog Devices AD8062ARMZ-RL Datasheet HTML 10Page - Analog Devices AD8062ARMZ-RL Datasheet HTML 11Page - Analog Devices AD8062ARMZ-RL Datasheet HTML 12Page - Analog Devices AD8062ARMZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8061/AD8062/AD8063
Rev. D | Page 9 of 20
RTO OUTPUT (V p-p)
–100
1.0
3.0
3.5
–40
–50
–60
–70
2.5
2.0
1.5
3RD @ 2MHz
2ND @ 2MHz
2ND @ 10MHz
–90
–80
4.0
4.5
VS = 5V
RF = RL = 1kΩ
G = 2
–110
3RD @ 500kHz
+
1k
Ω
5V
10
μF
0.1
μF
1k
Ω
50
Ω
1k
Ω
50
Ω
1M
Ω
INPUT
TO
3589A
2ND @ 500kHz
Figure 19. Harmonic Distortion vs. Output Signal Amplitude
FREQUENCY (MHz, START = 10kHz, STOP = 30MHz)
0.01
0.1
1
10
–30
–40
–50
–60
–70
–80
–90
–100
VS = 5V
RI = RL = 1kΩ
VO = 2V p-p
G = 2
S1 2ND HARMONIC/
DUAL ±2.5V SUPPLY
S1 3RD HARMONIC/
SINGLE +5V SUPPLY
S1 2ND HARMONIC/
SINGLE +5V SUPPLY
S1 3RD HARMONIC/
DUAL ±2.5V SUPPLY
–110
Figure 20. Harmonic Distortion vs. Frequency
TIME (
μs)
0.7
0
0.2
1.0
0.9
0.8
0.6
0.5
0.4
0.3
0.1
0
0.1
0.2
0.3
0.4
0.5
VS = 5V
RL = 1kΩ
G = 1
Figure 21. 400 mV Pulse Response
1ST 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH
0.02
0
–0.02
–0.04
–0.06
0.01
0
–0.01
–0.02
–0.04
–0.06
1ST 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH
Figure 22. Differential Gain and Phase Error, G = 2,
NTSC Input Signal, RL = 1 kΩ, VS = 5 V
1ST 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH
0.04
0.03
0.02
0.01
0
0.010
0.005
0
–0.005
–0.010
–0.01
–0.02
1ST 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH
Figure 23. Differential Gain and Phase Error, G = 2,
NTSC Input Signal, RL = 150 Ω, VS = 5 V
OUTPUT STEP AMPLITUDE (V)
1000
500
700
1.0
900
800
600
1.5
2.0
2.5
3.0
400
FALLING EDGE
RISING EDGE
100
300
200
0
VS = 5V
RL = 1kΩ
G = 1
Figure 24. Slew Rate vs. Output Step Amplitude


Similar Part No. - AD8062ARMZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8062ARMZ-RL AD-AD8062ARMZ-RL Datasheet
530Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E
More results

Similar Description - AD8062ARMZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8061 AD-AD8061 Datasheet
314Kb / 16P
   Low-Cost, 300 MHz Rail-to-Rail Amplifiers
REV. C
AD8061 AD-AD8061_07 Datasheet
530Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E
AD8061 AD-AD8061_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8062 AD-AD8062_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8063 AD-AD8063_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8648 AD-AD8648 Datasheet
339Kb / 12P
   Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
REV. 0
AD8091 AD-AD8091 Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
AD8051 AD-AD8051 Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com