Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8319ACPZ-WP Datasheet(PDF) 7 Page - Analog Devices

Part # AD8319ACPZ-WP
Description  1 MHz to 10 GHz, 40 dB Log Detector/Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8319ACPZ-WP Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8319ACPZ-WP Datasheet HTML 3Page - Analog Devices AD8319ACPZ-WP Datasheet HTML 4Page - Analog Devices AD8319ACPZ-WP Datasheet HTML 5Page - Analog Devices AD8319ACPZ-WP Datasheet HTML 6Page - Analog Devices AD8319ACPZ-WP Datasheet HTML 7Page - Analog Devices AD8319ACPZ-WP Datasheet HTML 8Page - Analog Devices AD8319ACPZ-WP Datasheet HTML 9Page - Analog Devices AD8319ACPZ-WP Datasheet HTML 10Page - Analog Devices AD8319ACPZ-WP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8319
Rev. A | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VPOS = 3 V; T = 25°C, −40°C, +85°C; CLPF = 1000 pF; unless otherwise noted. Colors: 25°C
Black; −40°C
Blue; +85°C
Red. Error is
calculated by using the best-fit line between PIN = −40 dBm and PIN = −10 dBm at the specified input frequency, unless otherwise noted.
0
0.25
0.50
1.00
1.25
1.50
1.75
2.00
0.75
–2.0
–1.5
0
0.5
1.0
1.5
2.0
–0.5
–1.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 3. VOUT and Log Conformance vs.
Input Amplitude at 900 MHz, RTADJ = 18 kΩ
0
0.25
0.50
1.00
1.25
1.50
1.75
2.00
0.75
–2.0
–1.5
0
0.5
1.0
1.5
2.0
–0.5
–1.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 4. VOUT and Log Conformance vs.
Input Amplitude at 1.9 GHz, RTADJ = 8 kΩ
0
0.25
0.50
1.00
1.25
1.50
1.75
2.00
0.75
–2.0
–1.5
0
0.5
1.0
1.5
2.0
–0.5
–1.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 5. VOUT and Log Conformance vs.
Input Amplitude at 2.2 GHz, RTADJ = 8 kΩ
0
0.25
0.50
1.00
1.25
1.50
1.75
2.00
0.75
–2.0
–1.5
0
0.5
1.0
1.5
2.0
–0.5
–1.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 6. VOUT and Log Conformance vs.
Input Amplitude at 3.6 GHz, RTADJ = 8 kΩ
0
0.25
0.50
1.00
1.25
1.50
1.75
2.00
0.75
–2.0
–1.5
0
0.5
1.0
1.5
2.0
–0.5
–1.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 7. VOUT and Log Conformance vs.
Input Amplitude at 5.8 GHz, RTADJ = 500 Ω
0
0.25
0.50
1.00
1.25
1.50
1.75
2.00
0.75
–2.0
–1.5
0
0.5
1.0
1.5
2.0
–0.5
–1.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 8. VOUT and Log Conformance vs. Input Amplitude at 8.0 GHz,
RTADJ = Open, Error Calculated from PIN = −34 dBm to PIN = −16 dBm


Similar Part No. - AD8319ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8319ACPZ-WP AD-AD8319ACPZ-WP Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 40 dB Log Detector/Controller
REV. 0
AD8319ACPZ-WP AD-AD8319ACPZ-WP Datasheet
1Mb / 19P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
More results

Similar Description - AD8319ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8319 AD-AD8319 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 40 dB Log Detector/Controller
REV. 0
AD8317 AD-AD8317 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 50 dB Log Detector/Controller
REV. 0
AD8317 AD-AD8317_08 Datasheet
780Kb / 20P
   1 MHz to 10 GHz, 55 dB Log Detector/Controller
REV. B
AD8319 AD-AD8319_15 Datasheet
1,004Kb / 20P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
REV. C
AD8319 AD-AD8319_17 Datasheet
1Mb / 19P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
ADL5519 AD-ADL5519_17 Datasheet
3Mb / 39P
   1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
ADL5519 AD-ADL5519 Datasheet
654Kb / 27P
   1 MHz to 10 GHz, 50 dB Dual Log Detector/Controller
Rev. PrB
ADL5519 AD-ADL5519_08 Datasheet
3Mb / 40P
   1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
REV. 0
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com