Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8324ACP Datasheet(PDF) 9 Page - Analog Devices

Part # AD8324ACP
Description  3.3 V Upstream Cable Line Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8324ACP Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8324ACP Datasheet HTML 5Page - Analog Devices AD8324ACP Datasheet HTML 6Page - Analog Devices AD8324ACP Datasheet HTML 7Page - Analog Devices AD8324ACP Datasheet HTML 8Page - Analog Devices AD8324ACP Datasheet HTML 9Page - Analog Devices AD8324ACP Datasheet HTML 10Page - Analog Devices AD8324ACP Datasheet HTML 11Page - Analog Devices AD8324ACP Datasheet HTML 12Page - Analog Devices AD8324ACP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8324
Rev. A | Page 9 of 16
GAIN CONTROL (Decimal Code)
0
6
12
30
36
42
48
54
60
24
18
f = 10MHz
TXEN = 1
160
140
120
100
80
60
40
20
0
180
Figure 19. Output Referred Voltage Noise vs. Gain Control
GAIN CONTROL (Decimal Code)
0
110
90
70
50
30
130
150
170
190
210
6
12
3036
424854
60
24
18
TA = 25°C
Figure 20. Supply Current vs. Gain Control
GAIN CONTROL (Decimal Code)
0
70
60
50
40
30
80
90
100
110
20
10
0
DOCSIS 2.0 BETWEEN BURST
TRANSIENT SPECIFICATION
AD8324
6
12
3036
4248
54
60
24
18
Figure 21. Between Burst Transient vs. Gain Control
AD8324
OUT+
OUT–
GND
BYP
3.3V
1:1
10
μF
39.5
Ω
75
Ω
18.7
Ω
18.7
Ω
0.1
μF
0.1
μF
0.1
μF
VIN+
1/2 VIN
1/2 VIN
VCC
RL
VIN–
Figure 22. Typical Characterization Circuit


Similar Part No. - AD8324ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8324ACP AD-AD8324ACP Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
AD8324ACP-EVAL AD-AD8324ACP-EVAL Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
AD8324ACP-REEL7 AD-AD8324ACP-REEL7 Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
More results

Similar Description - AD8324ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8324 AD-AD8324_15 Datasheet
382Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. B
AD8324 AD-AD8324 Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
AD8328 AD-AD8328_05 Datasheet
675Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD8328 AD-AD8328 Datasheet
542Kb / 16P
   5 V Upstream Cable Line Driver
REV. 0
AD8328 AD-AD8328_15 Datasheet
538Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048 AD-AD45048 Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
logo
NXP Semiconductors
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com