Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8328ARQ-EVAL Datasheet(PDF) 3 Page - Analog Devices

Part # AD8328ARQ-EVAL
Description  5 V Upstream Cable Line Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8328ARQ-EVAL Datasheet(HTML) 3 Page - Analog Devices

  AD8328ARQ-EVAL Datasheet HTML 1Page - Analog Devices AD8328ARQ-EVAL Datasheet HTML 2Page - Analog Devices AD8328ARQ-EVAL Datasheet HTML 3Page - Analog Devices AD8328ARQ-EVAL Datasheet HTML 4Page - Analog Devices AD8328ARQ-EVAL Datasheet HTML 5Page - Analog Devices AD8328ARQ-EVAL Datasheet HTML 6Page - Analog Devices AD8328ARQ-EVAL Datasheet HTML 7Page - Analog Devices AD8328ARQ-EVAL Datasheet HTML 8Page - Analog Devices AD8328ARQ-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8328
Rev. A | Page 3 of 20
SPECIFICATIONS
TA = 25°C, VS = 5 V, RL = RIN = 75 Ω, VIN (differential) = 29 dBmV. The AD8328 is characterized using a 2:1 transformer1 at the device output.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Specified AC Voltage
Output = 60 dBmV, max gain
29
dBmV
Input Resistance
Single-ended input
800
Ω
Differential input
1600
Ω
Input Capacitance
2
pF
GAIN CONTROL INTERFACE
Voltage Gain Range
58
59.0
60
dB
Maximum Gain
Gain code = 60 decimal codes
30.5
31.5
32.5
dB
Minimum Gain
Gain code = 1 decimal code
−28.5
−27.5
−26.5
dB
Output Step Size
0.6
1.0
1.4
dB/LSB
Output Step Size Temperature Coefficient
TA = −40°C to +85°C
±0.0005
dB/°C
OUTPUT CHARACTERISTICS
Bandwidth (−3 dB)
All gain codes (1 to 60 decimal codes)
107
MHz
Bandwidth Roll-Off
f = 65 MHz
1.2
dB
1 dB Compression Point2
Maximum gain, f = 10 MHz, output referred
17.9
18.4
dBm
Minimum gain, f = 10 MHz, input referred
2.2
3.3
dBm
Output Noise2
Maximum Gain
f = 10 MHz
135
151
nV/√Hz
Minimum Gain
f = 10 MHz
1.2
1.3
nV/√Hz
Tx Disable
f = 10 MHz
1.1
1.2
nV/√Hz
Noise Figure2
Maximum Gain
f = 10 MHz
16.7
17.7
dB
Differential Output Impedance
Tx enable and Tx disable
75 ± 30%3
Ω
OVERALL PERFORMANCE
Second-Order Harmonic Distortion4, 5
f = 33 MHz, VOUT = 60 dBmV @ maximum gain
−67
−56
dBc
f = 65 MHz, VOUT = 60 dBmV @ maximum gain
−61
−55
dBc
Third-Order Harmonic Distortion4, 5
f = 21 MHz, VOUT = 60 dBmV @ maximum gain
−57.5
−56
dBc
f = 65 MHz, VOUT = 60 dBmV @ maximum gain
−54
−52.5
dBc
ACPR2, 6
−58
−56
dBc
Isolation (Tx Disable)2
Maximum gain, f = 65 MHz
−85
−81
dB
POWER CONTROL
Tx Enable Settling Time
Maximum gain, VIN = 0
2.5
μs
Tx Disable Settling Time
Maximum gain, VIN = 0
3.8
μs
Output Switching Transients2
Equivalent output = 31 dBmV
2.5
6
mV p-p
Equivalent output = 61 dBmV
16
54
mV p-p
Output Settling
Due to Gain Change
Minimum to maximum gain
60
ns
Due to Input Step Change
Maximum gain, VIN = 29 dBmV
30
ns
POWER SUPPLY
Operating Range
4.75
5
5.25
V
Quiescent Current
Maximum gain
98
120
140
mA
Minimum gain
18
26
34
mA
Tx disable (TXEN = 0)
1
2.6
3.5
mA
SLEEP mode (power-down)
1
20
100
μA
OPERATING TEMPERATURE RANGE
−40
+85
°C


Similar Part No. - AD8328ARQ-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8328ARQ-REEL AD-AD8328ARQ-REEL Datasheet
542Kb / 16P
   5 V Upstream Cable Line Driver
REV. 0
More results

Similar Description - AD8328ARQ-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8328 AD-AD8328 Datasheet
542Kb / 16P
   5 V Upstream Cable Line Driver
REV. 0
AD8328 AD-AD8328_15 Datasheet
538Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD8324 AD-AD8324_05 Datasheet
420Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. A
AD8324 AD-AD8324_15 Datasheet
382Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. B
AD8324 AD-AD8324 Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048 AD-AD45048 Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
logo
Maxim Integrated Produc...
MAX3532 MAXIM-MAX3532 Datasheet
84Kb / 8P
   Upstream CATV Driver Amplifier
Rev 1; 6/98
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_16 Datasheet
146Kb / 6P
   5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com