Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8337-EVAL-INV Datasheet(PDF) 5 Page - Analog Devices

Part # AD8337-EVAL-INV
Description  General-Purpose, Low Cost, DC-Coupled VGA
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337-EVAL-INV Datasheet(HTML) 5 Page - Analog Devices

  AD8337-EVAL-INV Datasheet HTML 1Page - Analog Devices AD8337-EVAL-INV Datasheet HTML 2Page - Analog Devices AD8337-EVAL-INV Datasheet HTML 3Page - Analog Devices AD8337-EVAL-INV Datasheet HTML 4Page - Analog Devices AD8337-EVAL-INV Datasheet HTML 5Page - Analog Devices AD8337-EVAL-INV Datasheet HTML 6Page - Analog Devices AD8337-EVAL-INV Datasheet HTML 7Page - Analog Devices AD8337-EVAL-INV Datasheet HTML 8Page - Analog Devices AD8337-EVAL-INV Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8337
Rev. B | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Voltage
Supply Voltage (VPOS, VNEG)
±6 V
Input Voltage (INPx)
VPOS, VNEG
GAIN Voltage
VPOS, VNEG
Power Dissipation
(Exposed Pad Soldered to PC Board)
866 mW
Temperature
Operating Temperature Range
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Thermal Data—4-Layer JEDEC Board
No Air Flow Exposed Pad Soldered
to PC Board
θJA
75.4°C/W
θJB
47.5°C/W
θJC
17.9°C/W
ΨJT
2.2°C/W
ΨJB
46.2°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD8337-EVAL-INV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8337-EVALZ AD-AD8337-EVALZ Datasheet
954Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
AD8337-EVALZ-INV AD-AD8337-EVALZ-INV Datasheet
954Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
AD8337-EVALZ-SS AD-AD8337-EVALZ-SS Datasheet
954Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
More results

Similar Description - AD8337-EVAL-INV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8337 AD-AD8337_15 Datasheet
1Mb / 32P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. C
AD8337 AD-AD8337 Datasheet
773Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. A
AD8337 AD-AD8337_16 Datasheet
954Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
AD8336 AD-AD8336_17 Datasheet
782Kb / 27P
   General-Purpose Wide Bandwidth, DC-Coupled VGA
AD8336 AD-AD8336 Datasheet
1Mb / 28P
   General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
REV. 0
logo
List of Unclassifed Man...
TVGA9000 ETC1-TVGA9000 Datasheet
836Kb / 12P
   LOW COST VGA CONTROLLER
TVGA9000C ETC1-TVGA9000C Datasheet
1Mb / 22P
   LOW COST VGA CONTROLLER
logo
AVAGO TECHNOLOGIES LIMI...
AT-41586 AVAGO-AT-41586 Datasheet
152Kb / 5P
   Low Cost General Purpose Transistors
logo
Agilent(Hewlett-Packard...
AT-41586 HP-AT-41586 Datasheet
76Kb / 5P
   Low Cost General Purpose Transistors
AT41586 HP-AT41586 Datasheet
61Kb / 6P
   Low Cost General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com