Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320C6205ZHKA200 Datasheet(PDF) 1 Page - Texas Instruments

Part # SM320C6205ZHKA200
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM320C6205ZHKA200 Datasheet(HTML) 1 Page - Texas Instruments

  SM320C6205ZHKA200 Datasheet HTML 1Page - Texas Instruments SM320C6205ZHKA200 Datasheet HTML 2Page - Texas Instruments SM320C6205ZHKA200 Datasheet HTML 3Page - Texas Instruments SM320C6205ZHKA200 Datasheet HTML 4Page - Texas Instruments SM320C6205ZHKA200 Datasheet HTML 5Page - Texas Instruments SM320C6205ZHKA200 Datasheet HTML 6Page - Texas Instruments SM320C6205ZHKA200 Datasheet HTML 7Page - Texas Instruments SM320C6205ZHKA200 Datasheet HTML 8Page - Texas Instruments SM320C6205ZHKA200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
TMS320C6205
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS106G − OCTOBER 1999 − REVISED JULY 2006
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D High-Performance Fixed-Point Digital
Signal Processor (DSP) − TMS320C6205
− 5-ns Instruction Cycle Time
− 200-MHz Clock Rate
− Eight 32-Bit Instructions/Cycle
− 1600 MIPS
D VelociTI Advanced-Very-Long-Instruction-
Word (VLIW) TMS320C62x
 DSP Core
− Eight Highly Independent Functional
Units:
− Six ALUs (32-/40-Bit)
− Two 16-Bit Multipliers (32-Bit Result)
− Load-Store Architecture With 32 32-Bit
General-Purpose Registers
− Instruction Packing Reduces Code Size
− All Instructions Conditional
D Instruction Set Features
− Byte-Addressable (8-, 16-, 32-Bit Data)
− 8-Bit Overflow Protection
− Saturation
− Bit-Field Extract, Set, Clear
− Bit-Counting
− Normalization
D 1M-Bit On-Chip SRAM
− 512K-Bit Internal Program/Cache
(16K 32-Bit Instructions)
− 512K-Bit Dual-Access Internal Data
(64K Bytes)
− Organized as Two 32K-Byte Blocks for
Improved Concurrency
D 32-Bit External Memory Interface (EMIF)
− Glueless Interface to Synchronous
Memories: SDRAM or SBSRAM
− Glueless Interface to Asynchronous
Memories: SRAM and EPROM
− 52M-Byte Addressable External Memory
Space
D Four-Channel Bootloading
Direct-Memory-Access (DMA) Controller
With an Auxiliary Channel
D Flexible Phase-Locked-Loop (PLL) Clock
Generator
D 32-Bit/33-MHz
Peripheral
Component
Interconnect (PCI) Master/Slave Interface
Conforms to:
PCI Specification 2.2
Power Management Interface 1.1
Meets Requirements of PC99
− PCI Access to All On-Chip RAM,
Peripherals, and External Memory
(via EMIF)
− Four 8-Deep x 32-Wide FIFOs for
Efficient PCI Bus Data Transfer
− 3.3/5-V PCI Operation
− Three PCI Bus Address Registers:
Prefetchable Memory
Non-Prefetchable Memory I/O
− Supports 4-Wire Serial EEPROM
Interface
− PCI Interrupt Request Under DSP
Program Control
− DSP Interrupt Via PCI I/O Cycle
D Two Multichannel Buffered Serial Ports
(McBSPs)
− Direct Interface to T1/E1, MVIP, SCSA
Framers
− ST-Bus-Switching Compatible
− Up to 256 Channels Each
− AC97-Compatible
− Serial-Peripheral-Interface (SPI)
Compatible (Motorola
)
D Two 32-Bit General-Purpose Timers
D IEEE-1149.1 (JTAG)
Boundary-Scan-Compatible
D 288-Pin MicroStar BGA Package
(GHK and ZHK Suffixes)
D 0.15-µm/5-Level Metal Process
− CMOS Technology
D 3.3-V I/Os, 1.5-V Internal, 5-V Voltage
Tolerance for PCI I/O Pins
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
VelociTI, TMS320C62x, and MicroStar BGA are trademarks of Texas Instruments.
Motorola is a trademark of Motorola, Inc.
† IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.
Copyright
 2006, Texas Instruments Incorporated


Similar Part No. - SM320C6205ZHKA200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C6201 TI-SM320C6201 Datasheet
1Mb / 73P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C6201 TI1-SM320C6201 Datasheet
1Mb / 76P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201B TI-SM320C6201B Datasheet
869Kb / 62P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C6201B TI-SM320C6201B Datasheet
932Kb / 64P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SM320C6205ZHKA200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com