Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7516ARQ-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # ADT7516ARQ-REEL
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516ARQ-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button ADT7516ARQ-REEL Datasheet HTML 4Page - Analog Devices ADT7516ARQ-REEL Datasheet HTML 5Page - Analog Devices ADT7516ARQ-REEL Datasheet HTML 6Page - Analog Devices ADT7516ARQ-REEL Datasheet HTML 7Page - Analog Devices ADT7516ARQ-REEL Datasheet HTML 8Page - Analog Devices ADT7516ARQ-REEL Datasheet HTML 9Page - Analog Devices ADT7516ARQ-REEL Datasheet HTML 10Page - Analog Devices ADT7516ARQ-REEL Datasheet HTML 11Page - Analog Devices ADT7516ARQ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 8 of 44
FUNCTIONAL BLOCK DIAGRAM
7
D+/AIN1
8
D–/AIN2
9
LDAC/AIN3
14
AIN4
AIN4
VALUE REGISTER
AIN3
VALUE REGISTER
AIN2
VALUE REGISTER
AIN1
VALUE REGISTER
VDD
VALUE REGISTER
12
SDA
13
SCL
5
GND
6
VDD
11
ADD
9
LDAC/AIN3
3
VREF-IN
4
CS
ADDRESS POINTER
REGISTER
THIGH LIMIT
REGISTERS
LIMIT
COMPARATOR
TLOW LIMIT
REGISTERS
VCC LIMIT
REGISTERS
AINHIGH LIMIT
REGISTERS
AINLOW LIMIT
REGISTERS
CONTROL CONFIG. 1
REGISTER
CONTROL CONFIG. 2
REGISTER
CONTROL CONFIG. 3
REGISTER
DAC CONFIGURATION
REGISTERS
LDAC CONFIGURATION
REGISTERS
INTERRUPT MASK
REGISTERS
STATUS
REGISTERS
ON-CHIP
TEMPERATURE
SENSOR
INTERNAL
TEMPERATURE
VALUE REGISTER
EXTERNAL
TEMPERATURE
VALUE REGISTER
VDD
SENSOR
ADT7516/ADT7517/ADT7519
ANALOG
MUX
STRING
DAC A
A-TO-D
CONVERTER
2
DAC A
REGISTERS
STRING
DAC B
1
DAC B
REGISTERS
STRING
DAC C
16
DAC C
REGISTERS
STRING
DAC D
15
VOUT-A
VOUT-B
VOUT-C
VOUT-D
INT/INT
DAC D
REGISTERS
POWER-
DOWN
LOGIC
GAIN
SELECT
LOGIC
INTERNAL
REFERENCE
SPI/SMBus INTERFACE
10
Figure 6. Functional Block Diagram for the ADT7516/ADT7517/ADT7519


Similar Part No. - ADT7516ARQ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7516ARQ-REEL AD-ADT7516ARQ-REEL Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516ARQ-REEL7 AD-ADT7516ARQ-REEL7 Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
More results

Similar Description - ADT7516ARQ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
   SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516 AD-ADT7516_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7517 AD-ADT7517_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7519 AD-ADT7519_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7518 AD-ADT7518_15 Datasheet
898Kb / 40P
   SPI/IC Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
Rev. A
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
logo
Linear Technology
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
   Quad I2C Voltage, Current and Temperature Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com