Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1521B Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1521B
Description  1.5 MHz, 600 mA Step?묭own DC?묭C Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1521B Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1521B Datasheet HTML 6Page - ON Semiconductor NCP1521B Datasheet HTML 7Page - ON Semiconductor NCP1521B Datasheet HTML 8Page - ON Semiconductor NCP1521B Datasheet HTML 9Page - ON Semiconductor NCP1521B Datasheet HTML 10Page - ON Semiconductor NCP1521B Datasheet HTML 11Page - ON Semiconductor NCP1521B Datasheet HTML 12Page - ON Semiconductor NCP1521B Datasheet HTML 13Page - ON Semiconductor NCP1521B Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NCP1521B
http://onsemi.com
11
APPLICATION INFORMATION
Output Voltage Selection
The output voltage is programmed through an external
resistor divider connected from VOUT to FB then to GND.
For low power consumption and noise immunity, the
resistor from FB to GND (R2) should be in the
[100 k−600 k] range. If R2 is 200 k given the VFB is 0.6 V,
the current through the divider will be 3.0
mA.
The formula below gives the value of VOUT, given the
desired R1 and the R1 value:
VOUT + VFB
(1 ) R1
R2
)
(eq. 2)
VOUT: Output Voltage (Volts)
VFB: Feedback Voltage = 0.6 V
R1: Feedback Resistor from VOUT to FB
R2: Feedback Resistor from FB to GND
Input Capacitor Selection
In PWM operating mode, the input current is pulsating
with large switching noise. Using an input bypass capacitor
can reduce the peak current transients drawn from the
input supply source, thereby reducing switching noise
significantly. The capacitance needed for the input bypass
capacitor depends on the source impedance of the input
supply.
The maximum RMS current occurs at 50% duty cycle
with maximum output current, which is Iout_max/2.
For NCP1521B, a low profile, low ESR ceramic
capacitor of 4.7
mF should be used for most of the cases. For
effective bypass results, the input capacitor should be
placed as close as possible to the VIN pin.
Table 1. List of Input Capacitor
Murata
GRM188R60J475KE
GRM21BR71C475KA
Taiyo Yuden
JMK212BY475MG
TDK
C2012X5ROJ475KB
C1632X5ROJ475KT
Output L−C Filter Design Considerations
The NCP1521B operates at 1.5 MHz frequency and uses
current mode architecture. The correct selection of the
output filter ensures good stability and fast transient
response.
Due to the nature of the buck converter, the output L−C
filter must be selected to work with internal compensation.
For NCP1521B, the internal compensation is internally
fixed and it is optimized for an output filter of L = 2.2
mH
and COUT = 10 mF.
The corner frequency is given by:
fc +
1
2p L
COUT
(eq. 3)
+
1
2p 2.2 mH
10 mF
+ 34 kHz
The device is intended to operate with inductance values
between 1.0
mH and maximum of 4.7 mH.
If the corner frequency is moved, it is recommended to
check the loop stability depending on the output ripple
voltage accepted and output current required. For lower
frequency, the stability will be increased; a larger output
capacitor value could be chosen without critical effect on
the system. On the other hand, a smaller capacitor value
increases the corner frequency and it should be critical for
the system stability. Take care to check the loop stability.
The phase margin is usually higher than 45
°.
Table 2. L−C Filter Example
Inductance (L)
Output Capacitor (Cout)
1.0
mH
22
mF
2.2
mH
10
mF
4.7
mH
4.7
mF
Inductor Selection
The inductor parameters directly related to device
performances are saturation current and DC resistance and
inductance value. The inductor ripple current (
DIL)
decreases with higher inductance:
DIL +
VOUT
L
fSW
1−
VOUT
VIN
(eq. 4)
DIL peak to peak inductor ripple current
L inductor value
fSW switching frequency
The saturation current of the inductor should be rated
higher than the maximum load current plus half the ripple
current:
IL(MAX) + IO(MAX) )
DIL
2
(eq. 5)
DIL(MAX) Maximum inductor current
DIO(MAX) Maximum Output current
The inductor’s resistance will factor into the overall
efficiency of the converter. For best performances, the DC
resistance should be less than 0.3
W for good efficiency.


Similar Part No. - NCP1521B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
   1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
More results

Similar Description - NCP1521B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
   1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
NCP1550 ONSEMI-NCP1550_06 Datasheet
197Kb / 17P
   600 kHz PWM/PFM Step?묭own DC?묭C Controller
July, 2006 ??Rev. 8
NCP1521 ONSEMI-NCP1521 Datasheet
156Kb / 17P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
July, 2006 ??Rev. 4
NCP9001 ONSEMI-NCP9001 Datasheet
186Kb / 12P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 2
NCP1508 ONSEMI-NCP1508 Datasheet
404Kb / 15P
   Up to 500 mA, 1 MHz, High Efficiency Synchronous Step?묭own DC?묭C Converter in DFN Package
July, 2006 ??Rev. 1
NCP1509 ONSEMI-NCP1509 Datasheet
470Kb / 15P
   Up to 500 mA, 1 MHz, High Efficiency Synchronous Step?묭own DC?묭C Converter in DFN Package
July, 2006 ??Rev. 1
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
NCP1522 ONSEMI-NCP1522 Datasheet
155Kb / 17P
   3.0 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 3
NCP1403 ONSEMI-NCP1403_05 Datasheet
211Kb / 18P
   15 V/50 mA PFM Step?뭊p DC?묭C Converter
December, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com