Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF3B-1900H-11A Datasheet(PDF) 4 Page - TOKO, Inc

Part # TDF3B-1900H-11A
Description  TDF series for Mobile & Cordless Phone
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TDF3B-1900H-11A Datasheet(HTML) 4 Page - TOKO, Inc

  TDF3B-1900H-11A Datasheet HTML 1Page - TOKO, Inc TDF3B-1900H-11A Datasheet HTML 2Page - TOKO, Inc TDF3B-1900H-11A Datasheet HTML 3Page - TOKO, Inc TDF3B-1900H-11A Datasheet HTML 4Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PRECAUTIONS AND RECOMMENDED SOLDERING CONDITIONS FOR USING
DIELECTRIC FILTERS SURFACE MOUNT TYPE
実装
づけ
誘電体フィルタご使用上の注意・推奨はんだ付け条件
1. Reflow solder conditions
•Solderability
When flux-mounted terminals are immersed in
solder at following conditions, at least 95% of the
surface should be covered by solder.
Conditins
leaded process : 230±5°C for 3±0.5 seconds
lead free process : 260±5°C for 3±0.5 seconds
•Solder heat resistance
No abnomalities under solder conditions of
leaded process : 230±5°C for 5 seconds
lead free process : 260±5°C for 5 seconds
2. Rinsing
After Soldering, you should rinsing away the
excess flux. Any commercially available rinsing
agent may be used.
3. Other Precautions
Perform soldering at as low a temperature as
possible and for as short a time as possible.
Make sure that the silver electrode of resonators is
not covered by solder.
Avoid applying external forces to terminals such as
by bending or cutting them.
4. Iron Soldering
Perform iron soldering with iron at following
conditions.
Conditins
leaded process : 350±5°C for 5s. Max.
lead free process : 390±5°C for 5s. Max.
1. リフロはんだ条件
・ はんだ付け性
フラックス付けした端子部を以下の条件ではんだ中に
浸漬し95%以上の面積がはんだで覆われること。
条件
有鉛品   : 230±5℃のはんだ中に3±0.5秒浸漬
鉛フリー品 : 245±5℃のはんだ中に3±0.5秒浸漬
・ はんだ耐熱性
以下のはんだ付け条件で異常のないこと。
有鉛品   : 230±5℃、5秒間
鉛フリー品 : 260℃、5秒間
2. 洗浄
はんだ付け後のフラックスの洗浄をして下さい。
洗浄液として一般的に使用されている全ての洗浄液が
使用できます。
3. その他留意事項
はんだ付けは極力低い温度で短時間で行って下さい。
共振器の銀電極にはんだが付着しないようにして下さ
い。
端子を曲げたり、切断するなど、端子部分に外力を加
えることは避けて下さい。
4. こてはんだ
有鉛半田  : こて先温度350℃以下、加熱時間5秒
以内、1回
無鉛半田  : こて先温度390±10℃、加熱時間5秒
以内、1回
Temperature profile (land seface temperature)
温度プロファイル
(ランド部表面温度)
*1
*2
*3
*4
230
150
180
190
210
260
150
180
220
240
*1
*2
*3
*4
for lead free process
for leaded process
Pre-heat conditions
予熱部
*1:150∼160℃ 60s. Max.
*1:150∼160℃  60秒以内
Reflow conditions
リフロ部
*2:160℃ Min. 45s. Max.
*2:160℃以上 45秒以内
*3:200℃ Min. 30s. Max.
*3:200℃以上 30秒以内
*4:230±5℃ 5s. Max.
*4:230±5℃ 5秒以内
Pre-heat conditions
予熱部
*1:150∼180℃ 120s. Max.
*1:150∼180℃  120秒以内
Reflow conditions
リフロ部
*2:180℃ Min. 150s. Max.
*2:180℃以上 150秒以内
*3:230℃ Min. 40s. Max.
*3:230℃以上 40秒以内
*4:255±5℃ 5s. Max.
*4:255±5℃ 5秒以内


Similar Part No. - TDF3B-1900H-11A

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
TDF30J BILIN-TDF30J Datasheet
410Kb / 4P
   SuperPlanar Bridge Rectifiers
TDF30K BILIN-TDF30K Datasheet
410Kb / 4P
   SuperPlanar Bridge Rectifiers
TDF30M BILIN-TDF30M Datasheet
476Kb / 4P
   Silicon Bridge Rectifiers
logo
Sharma Electro Componen...
TDF335K50CB SHARMA-TDF335K50CB Datasheet
446Kb / 2P
   Tantalum Capacitors
TDF336K10CB SHARMA-TDF336K10CB Datasheet
446Kb / 2P
   Tantalum Capacitors
More results

Similar Description - TDF3B-1900H-11A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9015 HOLTEK-HT9015 Datasheet
206Kb / 23P
   RF Single Chip for Cordless Phone
logo
List of Unclassifed Man...
FVTO321S ETC2-FVTO321S Datasheet
140Kb / 1P
   VOTCXO FOR MOBILE PHONE
logo
Silicon Touch Technolog...
11-MD114 SITI-11-MD114 Datasheet
228Kb / 12P
   Motor Driver for Mobile Phone
logo
MOSDESIGN SEMICONDUCTOR...
M09T MOSDESIGN-M09T Datasheet
146Kb / 2P
   MOBILE PHONE
2012-07-24
logo
Rohm
BU7285GU ROHM-BU7285GU Datasheet
447Kb / 8P
   Serial Interface for Mobile Phone
logo
Silicon Touch Technolog...
11-MD115 SITI-11-MD115 Datasheet
261Kb / 17P
   VCM Driver for Mobile Phone
11-MD215 SITI-11-MD215 Datasheet
209Kb / 10P
   VCM Driver for Mobile Phone
logo
Aimtron Technology
AT5560 AIMTRON-AT5560 Datasheet
331Kb / 10P
   VCM Driver for Mobile Phone
logo
Pulse A Technitrol Comp...
W3008C PULSE-W3008C Datasheet
1Mb / 7P
   Solutions for Mobile Phone Antennas
logo
ELAN Microelectronics C...
EM92600 EMC-EM92600 Datasheet
52Kb / 6P
   DUAL PLL FOR 46/49 MHZ CORDLESS PHONE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com