Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1546 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1546
Description  1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1546 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1546 Datasheet HTML 2Page - ON Semiconductor NCP1546 Datasheet HTML 3Page - ON Semiconductor NCP1546 Datasheet HTML 4Page - ON Semiconductor NCP1546 Datasheet HTML 5Page - ON Semiconductor NCP1546 Datasheet HTML 6Page - ON Semiconductor NCP1546 Datasheet HTML 7Page - ON Semiconductor NCP1546 Datasheet HTML 8Page - ON Semiconductor NCP1546 Datasheet HTML 9Page - ON Semiconductor NCP1546 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NCP1546
http://onsemi.com
6
APPLICATIONS INFORMATION
THEORY OF OPERATION
V2 Control
The NCP1546 buck regulator provides a high level of
integration and high operating frequencies allowing the
layout of a switch−mode power supply in a very small board
area. This device is based on the proprietary V2 control
architecture. V2 control uses the output voltage and its ripple
as the ramp signal, providing an ease of use not generally
associated with voltage or current mode control. Improved
line regulation, load regulation and very fast transient
response are also major advantages.
Figure 3. Buck Converter with V2 Control.
Buck
Controller
FFB
VREF
+
Duty Cycle
V2 Control
Error
Amplifier
PWM
Comparator
R1
Oscillator
VO
SFB
VIN
Latch
Slope
Comp
L1
C1
D1
R2
S
R
VC
S1
As shown in Figure 3, there are two voltage feedback
paths in V2 control, namely FFB(Fast Feedback) and
SFB(Slow Feedback). In FFB path, the feedback voltage
connects directly to the PWM comparator. This feedback
path carries the ramp signal as well as the output DC voltage.
Artificial ramp derived from the oscillator is added to the
feedback signal to improve stability. The other feedback
path, SFB, connects the feedback voltage to the error
amplifier whose output VC feeds to the other input of the
PWM comparator. In a constant frequency mode, the
oscillator signal sets the output latch and turns on the switch
S1. This starts a new switch cycle. The ramp signal,
composed of both artificial ramp and output ripple,
eventually comes across the VC voltage, and consequently
resets the latch to turn off the switch. The switch S1 will turn
on again at the beginning of the next switch cycle. In a buck
converter, the output ripple is determined by the ripple
current of the inductor L1 and the ESR (equivalent series
resistor) of the output capacitor C1.
The slope compensation signal is a fixed voltage ramp
provided by the oscillator. Adding this signal eliminates
subharmonic oscillation associated with the operation at
duty cycle greater than 50%. The artificial ramp also ensures
the proper PWM function when the output ripple voltage is
inadequate. The slope compensation signal is properly sized
to serve it purposes without sacrificing the transient
response speed.
Under load and line transient, not only the ramp signal
changes, but more significantly the DC component of the
feedback voltage varies proportionally to the output voltage.
FFB path connects both signals directly to the PWM
comparator. This allows instant modulation of the duty cycle
to counteract any output voltage deviations. The transient
response time is independent of the error amplifier
bandwidth. This eliminates the delay associated with error
amplifier and greatly improves the transient response time.
The error amplifier is used here to ensure excellent DC
accuracy.
Error Amplifier
The NCP1546 has a transconductance error amplifier,
whose non−inverting input is connected to an Internal
Reference Voltage generated from the on−chip regulator.
The inverting input connects to the VFB pin. The output of
the error amplifier is made available at the VC pin. A typical
frequency compensation requires only a 0.1
mF capacitor
connected between the VC pin and ground, as shown in
Figure 1. This capacitor and error amplifier’s output
resistance (approximately 8.0 M
W) create a low frequency
pole to limit the bandwidth. Since V2 control does not
require a high bandwidth error amplifier, the frequency
compensation is greatly simplified.
The VC pin is clamped below Output High Voltage. This
allows the regulator to recover quickly from over current or
short circuit conditions.
Oscillator and Sync Feature
The on−chip oscillator is trimmed at the factory and
requires no external components for frequency control. The
high
switching
frequency
allows
smaller
external
components to be used, resulting in a board area and cost
savings. The tight frequency tolerance simplifies magnetic
components selection. The switching frequency is reduced
to 25% of the nominal value when the VFB pin voltage is
below Frequency Foldback Threshold. In short circuit or
over−load conditions, this reduces the power dissipation of
the IC and external components.
An external clock signal can sync the NCP1546 to a higher
frequency. The rising edge of the sync pulse turns on the
power switch to start a new switching cycle, as shown in
Figure 4. There is approximately 0.5
ms delay between the
rising edge of the sync pulse and rising edge of the VSW pin
voltage. The sync threshold is TTL logic compatible, and


Similar Part No. - NCP1546

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP154 ONSEMI-NCP154 Datasheet
584Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
January, 2015 ??Rev. 2
NCP1547 ONSEMI-NCP1547 Datasheet
157Kb / 13P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCP1547 ONSEMI-NCP1547_11 Datasheet
242Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 5
NCP154MX100180TAG ONSEMI-NCP154MX100180TAG Datasheet
584Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
January, 2015 ??Rev. 2
NCP154MX150280TAG ONSEMI-NCP154MX150280TAG Datasheet
584Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
January, 2015 ??Rev. 2
More results

Similar Description - NCP1546

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8842 ONSEMI-NCV8842_11 Datasheet
377Kb / 16P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 10
NCV8842 ONSEMI-NCV8842 Datasheet
180Kb / 15P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV8843 ONSEMI-NCV8843 Datasheet
187Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV8843 ONSEMI-NCV8843_10 Datasheet
385Kb / 16P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 10
NCP1547 ONSEMI-NCP1547 Datasheet
157Kb / 13P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCP1547 ONSEMI-NCP1547_11 Datasheet
242Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 5
NCV51411 ONSEMI-NCV51411 Datasheet
182Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV51411 ONSEMI-NCV51411 Datasheet
224Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
CS51411 ONSEMI-CS51411_07 Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51411-D ONSEMI-CS51411-D Datasheet
706Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com