Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1400ASN50T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1400ASN50T1G
Description  100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1400ASN50T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1400ASN50T1G Datasheet HTML 2Page - ON Semiconductor NCP1400ASN50T1G Datasheet HTML 3Page - ON Semiconductor NCP1400ASN50T1G Datasheet HTML 4Page - ON Semiconductor NCP1400ASN50T1G Datasheet HTML 5Page - ON Semiconductor NCP1400ASN50T1G Datasheet HTML 6Page - ON Semiconductor NCP1400ASN50T1G Datasheet HTML 7Page - ON Semiconductor NCP1400ASN50T1G Datasheet HTML 8Page - ON Semiconductor NCP1400ASN50T1G Datasheet HTML 9Page - ON Semiconductor NCP1400ASN50T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCP1400A
http://onsemi.com
6
1.0
0.8
0.6
0.4
0.2
0
100
80
60
40
20
0
100
80
60
40
20
0
1.0
0.8
0.6
0.4
0.2
0
1.0
0.8
0.6
0.4
0.2
0
1.5
80
70
3.5
60
50
4.0
3.0
2.5
4.5
VOUT, OUTPUT VOLTAGE (V)
40
30
20
10
0
2.0
TA, AMBIENT TEMPERATURE (°C)
Figure 8. NCP1400ASNXXT1 Operating
Current (IDD1) vs. Output Voltage
Figure 9. NCP1400ASN30T1 Current
Consumption vs. Temperature
Figure 10. NCP1400ASN50T1 Current
Consumption vs. Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 11. NCP1400ASN19T1 VLX Voltage Limit
vs. Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 12. NCP1400ASN30T1 VLX Voltage Limit
vs. Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 13. NCP1400ASN50T1 VLX Voltage Limit
vs. Temperature
TA, AMBIENT TEMPERATURE (°C)
5.5
−50
50
75
25
0100
−25
−50
50
75
25
0
100
−25
−50
50
75
25
0100
−25
−50
50
75
25
0
100
−25
−50
50
75
25
0100
−25
5.0
NCP1400ASNXXT1
L = 10
mH
TA = 25°C
NCP1400ASN30T1
VOUT = 3.0 V x 0.96
Open−loop Test
NCP1400ASN50T1
VOUT = 5.0 V x 0.96
Open−loop Test
NCP1400ASN19T1
VOUT = 1.9 V x 0.96
NCP1400ASN30T1
VOUT = 3.0 V x 0.96
NCP1400ASN50T1
VOUT = 5.0 V x 0.96


Similar Part No. - NCP1400ASN50T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1400ASN50T1G ONSEMI-NCP1400ASN50T1G Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
More results

Similar Description - NCP1400ASN50T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402_06 Datasheet
174Kb / 18P
   200 mA, PFM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 7
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
NCP1402 ONSEMI-NCP1402 Datasheet
158Kb / 18P
   200 mA, PFM Step-Up Micropower Switching Regulator
November, 2003 ??Rev. 5
logo
Texas Instruments
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
logo
Maxim Integrated Produc...
MAX8506EVKIT MAXIM-MAX8506EVKIT Datasheet
104Kb / 5P
   1MHz Fixed-Frequency PWM Switching
Rev 0; 2/04
logo
Texas Instruments
LP2981-N TI1-LP2981-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 100-mA Ultralow Dropout Regulator
logo
Analog Devices
ADP3000AN-33 AD-ADP3000AN-33 Datasheet
650Kb / 16P
   Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
REV. A
logo
ON Semiconductor
MC33466 ONSEMI-MC33466 Datasheet
167Kb / 12P
   FIXED FREQUENCY PWM MICROPOWER DC-to-DC CONVERTER
1999 Rev 4, 08/1
logo
Maxim Integrated Produc...
MAX4193 MAXIM-MAX4193 Datasheet
253Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
Rev 2; 9/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com