Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDFH5D-1960L-11A-01 Datasheet(PDF) 2 Page - TOKO, Inc

Part # TDFH5D-1960L-11A-01
Description  TDF series for Mobile & Cordless Phone
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TDFH5D-1960L-11A-01 Datasheet(HTML) 2 Page - TOKO, Inc

  TDFH5D-1960L-11A-01 Datasheet HTML 1Page - TOKO, Inc TDFH5D-1960L-11A-01 Datasheet HTML 2Page - TOKO, Inc TDFH5D-1960L-11A-01 Datasheet HTML 3Page - TOKO, Inc TDFH5D-1960L-11A-01 Datasheet HTML 4Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TDF
Series
Chip Dielectric Filters
チップ誘電体フィルタ
Typical Characteristics 代表特性例
5.5
5.7
1.2
1.2
3.3
1.2
6.5
2.0
Max.
GND
GND
GND
B1960-11
TOKO
0
5
10
15
20
25
30
35
40
45
50
0
10
20
30
40
50
60
70
80
90
100
Center Frequency :1,960MHz
Span :600MHz
TDFM1B-1960L-11A
Attenuation
Return loss
製品例
TDFM1B-1960L-11A
(Unit: mm)
Typical Characteristics 代表特性例
3.2
2.4
1.8Max.
0
5
10
15
20
25
30
35
40
45
50
0
10
20
30
40
50
60
70
80
90
100
Center Frequency :915MHz
Span :300MHz
TDFS8A-915E-10A
Attenuation
Return loss
製品例
TDFS8A-915E-10A
(Unit: mm)
Typical Characteristics 代表特性例
6.5
2.3
4.3
6.5
2.0Max.
B2140-10
TOKO
GND
1.0
製品例
TDFM1B-2140L-10A
(Unit: mm)
Center Frequency : 2,140MHz
Span : 1,000MHz
TDFM1B-2140L-10A
Attenuation
Return loss


Similar Part No. - TDFH5D-1960L-11A-01

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
TDFH55S BILIN-TDFH55S Datasheet
450Kb / 4P
   Schottky Bridge Rectifiers
TDFH56S BILIN-TDFH56S Datasheet
450Kb / 4P
   Schottky Bridge Rectifiers
More results

Similar Description - TDFH5D-1960L-11A-01

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9015 HOLTEK-HT9015 Datasheet
206Kb / 23P
   RF Single Chip for Cordless Phone
logo
List of Unclassifed Man...
FVTO321S ETC2-FVTO321S Datasheet
140Kb / 1P
   VOTCXO FOR MOBILE PHONE
logo
Silicon Touch Technolog...
11-MD114 SITI-11-MD114 Datasheet
228Kb / 12P
   Motor Driver for Mobile Phone
logo
MOSDESIGN SEMICONDUCTOR...
M09T MOSDESIGN-M09T Datasheet
146Kb / 2P
   MOBILE PHONE
2012-07-24
logo
Rohm
BU7285GU ROHM-BU7285GU Datasheet
447Kb / 8P
   Serial Interface for Mobile Phone
logo
Silicon Touch Technolog...
11-MD115 SITI-11-MD115 Datasheet
261Kb / 17P
   VCM Driver for Mobile Phone
11-MD215 SITI-11-MD215 Datasheet
209Kb / 10P
   VCM Driver for Mobile Phone
logo
Aimtron Technology
AT5560 AIMTRON-AT5560 Datasheet
331Kb / 10P
   VCM Driver for Mobile Phone
logo
Pulse A Technitrol Comp...
W3008C PULSE-W3008C Datasheet
1Mb / 7P
   Solutions for Mobile Phone Antennas
logo
ELAN Microelectronics C...
EM92600 EMC-EM92600 Datasheet
52Kb / 6P
   DUAL PLL FOR 46/49 MHZ CORDLESS PHONE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com