Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR0530 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MBR0530
Description  1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR0530 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MBR0530 Datasheet HTML 4Page - ON Semiconductor MBR0530 Datasheet HTML 5Page - ON Semiconductor MBR0530 Datasheet HTML 6Page - ON Semiconductor MBR0530 Datasheet HTML 7Page - ON Semiconductor MBR0530 Datasheet HTML 8Page - ON Semiconductor MBR0530 Datasheet HTML 9Page - ON Semiconductor MBR0530 Datasheet HTML 10Page - ON Semiconductor MBR0530 Datasheet HTML 11Page - ON Semiconductor MBR0530 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NCP1547
http://onsemi.com
8
When the power switch is turned on, the voltage on the
BOOST pin is equal to
VBOOST + VIN ) VO * VF
where:
VF = diode forward voltage.
The anode of the diode can be connected to any DC
voltage as well as the regulated output voltage (Figure 1).
However, the maximum voltage on the BOOST pin shall not
exceed 40 V.
As shown in Figure 7, the BOOST pin current includes a
constant 7.0 mA pre−driver current and base current
proportional to switch conducting current. A detailed
discussion of this current is conducted in Thermal
Consideration section. A 0.1
mF capacitor is usually
adequate for maintaining the Boost pin voltage during the on
time.
Figure 7. The Boost Pin Current Includes 7.0 mA
Pre−Driver Current and Base Current when the
Switch is Turned On. The Beta Decline of the
Power Switch Further Increases the Base
Current at High Switching Current
0
0.5
1.0
1.5
SWITCHING CURRENT (A)
0
5
10
15
20
25
30
Shutdown
The internal power switch will not turn on until the VIN
pin rises above the Startup Voltage. This ensures no
switching will occur until adequate supply voltage is
provided to the IC.
The IC enters a sleep mode when the SHDNB pin is pulled
below the Shutdown Threshold Voltage. In sleep mode, the
power switch is kept open and the supply current reduces to
Shutdown Quiescent Current (1
mA typically). This pin has
an internal pull−down current. When not in use, pull this pin
up to VCC with a resistor (See Figure 1).
Startup
During power up, the regulator tends to quickly charge up
the output capacitors to reach voltage regulation. This gives
rise to an excessive in−rush current which can be detrimental
to the inductor, IC and catch diode. In V2 control , the
compensation capacitor provides Soft−Start with no need
for extra pin or circuitry. During the power up, the Output
Source Current of the error amplifier charges the
compensation capacitor which forces VC pin and thus output
voltage ramp up gradually. The Soft−Start duration can be
calculated by
TSS +
VC
CCOMP
ISOURCE
where:
VC = VC pin steady−state voltage, which is approximately
equal to error amplifier’s reference voltage.
CCOMP = Compensation capacitor connected to the VC pin
ISOURCE = Output Source Current of the error amplifier.
Using a 0.1
mF CCOMP, the calculation shows a TSS over
5.0 ms which is adequate to avoid any current stresses.
Figure 8 shows the gradual rise of the VC, VO and envelope
of the VSW during power up. There is no voltage over−shoot
after the output voltage reaches the regulation. If the supply
voltage rises slower than the VC pin, output voltage may
over−shoot.
Figure 8. The Power Up Transition of NCP1547
Regulator


Similar Part No. - MBR0530

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR0530 MCC-MBR0530 Datasheet
90Kb / 2P
   0.5 Amp Schottky Rectifier 20 to 100 Volts
logo
Gaomi Xinghe Electronic...
MBR0530 GXELECTRONICS-MBR0530 Datasheet
692Kb / 2P
   0.5 Amp Schottky Rectifier 20 to 80 Volts
logo
Shanghai Leiditech Elec...
MBR0530 LEIDITECH-MBR0530 Datasheet
602Kb / 2P
   Low Forward Voltage and Extremely Low Thermal Resistance
logo
Unisonic Technologies
MBR0530 UTC-MBR0530 Datasheet
82Kb / 3P
   SCHOTTKY RECTIFIER DIODE
logo
Micro Commercial Compon...
MBR0530 MCC-MBR0530 Datasheet
323Kb / 3P
   0.5 Amp Schottky Rectifier 20 to 80 Volts
More results

Similar Description - MBR0530

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8843 ONSEMI-NCV8843_10 Datasheet
385Kb / 16P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 10
NCV8843 ONSEMI-NCV8843 Datasheet
187Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCP1547 ONSEMI-NCP1547_11 Datasheet
242Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 5
NCV8842 ONSEMI-NCV8842_11 Datasheet
377Kb / 16P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 10
NCV8842 ONSEMI-NCV8842 Datasheet
180Kb / 15P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCP1546 ONSEMI-NCP1546 Datasheet
152Kb / 13P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCV51411 ONSEMI-NCV51411 Datasheet
182Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV51411 ONSEMI-NCV51411 Datasheet
224Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
CS51411 ONSEMI-CS51411_07 Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51411-D ONSEMI-CS51411-D Datasheet
706Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com