Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1560HDR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1560HDR2
Description  Full Featured Voltage Mode PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1560HDR2 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1560HDR2 Datasheet HTML 1Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 2Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 3Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 4Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 5Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 6Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 7Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 8Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NCP1560
http://onsemi.com
4
PIN DESCRIPTION
Pin
Name
Application Information
1
Vin
This pin is connected to the bulk DC input voltage supply. A constant current source supplies current from
this pin to the capacitor connected on the VAUX pin. The charge current is typically 13.8 mA. Input voltage
range is 21.5 V to 150 V.
2
UV/OV
Input supply voltage is scaled down and sampled by means of a resistor divider. The supply voltage must
be scaled down between 1.52 V and 3.61 V within the specified input voltage range.
3
NC
Not Connected.
4
FF
An external resistor between Vin and this pin adjusts the amplitude of the FF Ramp in proportion to Vin. By
varying the feedforward ramp amplitude in proportion to the input voltage, changes in loop bandwidth are
eliminated.
5
CS
Over current sense input. If the CS voltage exceeds 0.48 V or 0.57 V, the converter enters the
Cycle−by−Cycle or Cycle Skip current limit mode, respectively.
6
CSKIP
The capacitor connected between this pin and ground sets the Cycle Skip period. A soft−start sequence
follows at the conclusion of the fault period.
7
RT
A single external resistor between this pin and GND sets the oscillator fixed frequency.
8
DCMAX
An external resistor between this pin and GND sets the voltage on the Max DC Comparator inverting
input. The duty cycle is limited by comparing the voltage on the Max DC Comparator inverting input to the
Feedforward Ramp.
9
SS
An internal 6.2 mA current source charges the external capacitor connected to this pin. The duty cycle is
limited during startup by comparing the voltage on this pin to the Oscillator Ramp.
10
VEA
The error signal from an external error amplifier is fed into this input and compared to the Feedforward
Ramp. A series diode and resistor offset the voltage on this pin before it is applied to the PWM
Comparator inverting input.
11
VREF
Precision 5.0 V reference output. Maximum output current is 6.0 mA.
12
tD
An external resistor between VREF and this pin sets the overlap delay between OUT1 and OUT2
transitions.
13
OUT2
Output of the PWM controller with leading and trailing edge overlap delay. OUT2 can be used to drive a
synchronous rectifier topology, an active clamp/reset switch, or both.
14
GND
Control circuit ground.
15
OUT1
Main output of the PWM controller.
16
VAUX
Positive input supply voltage. This pin is connected to an external capacitor for energy storage. An
internal current supplies current from Vin to this pin. Once the voltage on VAUX reaches 11 V, the current
source turns OFF. It turns ON again once VAUX falls to 7.0 V. During normal operation, power is supplied
to the IC via this pin, by means of an auxiliary winding.


Similar Part No. - NCP1560HDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1560HDR2 ONSEMI-NCP1560HDR2 Datasheet
122Kb / 18P
   Full Featured Voltage Mode PWM Controller
January, 2003 - Rev. 5
More results

Similar Description - NCP1560HDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1560 ONSEMI-NCP1560 Datasheet
122Kb / 18P
   Full Featured Voltage Mode PWM Controller
January, 2003 - Rev. 5
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
   Full Featured Profile Controller
logo
Texas Instruments
TPS2359 TI1-TPS2359_15 Datasheet
1Mb / 55P
[Old version datasheet]   Full-Featured, Dual-Slot AdvancedMC Controller
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
   Voltage Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
   Voltage-Mode PWM Controller
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
   Voltage Mode PWM Controller
logo
Fairchild Semiconductor
FAN7556 FAIRCHILD-FAN7556 Datasheet
243Kb / 10P
   Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com