Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1650 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1650
Description  Power Factor Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1650 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1650_05 Datasheet HTML 5Page - ON Semiconductor NCP1650_05 Datasheet HTML 6Page - ON Semiconductor NCP1650_05 Datasheet HTML 7Page - ON Semiconductor NCP1650_05 Datasheet HTML 8Page - ON Semiconductor NCP1650_05 Datasheet HTML 9Page - ON Semiconductor NCP1650_05 Datasheet HTML 10Page - ON Semiconductor NCP1650_05 Datasheet HTML 11Page - ON Semiconductor NCP1650_05 Datasheet HTML 12Page - ON Semiconductor NCP1650_05 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
NCP1650
http://onsemi.com
9
Typical Performance Characteristics
(Test circuits are located in the document TND307/D)
0.6
0.2
0.4
−0.2
0
−0.4
−0.6
Figure 10. Voltage Amplifier Gain
PIN 6 VOLTAGE RELATIVE TO 4.0 V REF−BOOST CIRCUIT
300
200
100
0
−100
−200
−300
0.3
0.1
0.2
−0.1
0
−0.2
−0.3
Figure 11. Voltage Amplifier Gain
PIN 6 VOLTAGE RELATIVE TO 4.0 V REF−LINEAR REGION
30
20
10
0
−10
−20
−30
1.5
0.5
1.0
−0.5
0
−1.0
−1.5
Figure 12. Power Amplifier Gain
PIN 9 VOLTAGE RELATIVE TO 2.5 V REF−BOOST CIRCUIT
400
200
100
0
−100
−200
−300
0.6
0.2
0.4
−0.2
0
−0.4
−0.6
Figure 13. Power Amplifier Gain
PIN 9 VOLTAGE RELATIVE TO 2.5 V REF−LINEAR REGION
40
20
10
0
−10
−20
−50
300
30
−30
−40
350
150
200
100
50
0
Figure 14. Current Sense Amplifier Gain
VIS− (mV)
5.0
2.5
0
250
300
−50
0.5
1.0
1.5
2.0
4.5
3.0
3.5
4.0
PIN 10
PIN 11
Figure 15. Current Sense Amplifier High
Frequency Response
GND
GND
IS− (pin 12)
100 mV/div
Iavg fltr (pin 11)
200 mV/div
−58 mV
200 mV
C11 = 1 nF
M 1.00
ms
Ch 1
Ch 4
100 mV
W
Ch 4
BW
BW


Similar Part No. - NCP1650_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1650DR2G ONSEMI-NCP1650DR2G Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
More results

Similar Description - NCP1650_05

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
   Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
   POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
   Power Factor Controller
logo
Fairchild Semiconductor
ML4812 FAIRCHILD-ML4812 Datasheet
348Kb / 16P
   Power Factor Controller
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com