Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1550SN18T1 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1550SN18T1
Description  600 kHz PWM/PFM Step?묭own DC?묭C Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1550SN18T1 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1550SN18T1 Datasheet HTML 7Page - ON Semiconductor NCP1550SN18T1 Datasheet HTML 8Page - ON Semiconductor NCP1550SN18T1 Datasheet HTML 9Page - ON Semiconductor NCP1550SN18T1 Datasheet HTML 10Page - ON Semiconductor NCP1550SN18T1 Datasheet HTML 11Page - ON Semiconductor NCP1550SN18T1 Datasheet HTML 12Page - ON Semiconductor NCP1550SN18T1 Datasheet HTML 13Page - ON Semiconductor NCP1550SN18T1 Datasheet HTML 14Page - ON Semiconductor NCP1550SN18T1 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NCP1550
http://onsemi.com
11
Figure 27. Load Transient Response for
VOUT = 2.5 V
Upper Trace: Output Voltage Ripple, 100 mV/Division
Lower Trace: Load Current, ILOAD, 500 mA/Division
(VIN = 5.0 V, ILOAD = 100 mA to 1.0 A, L = 5.6 mH,
COUT = 33 mF)
Figure 28. Load Transient Response for
VOUT = 1.8 V
Upper Trace: Output Voltage Ripple, 100 mV/Division
Lower Trace: Load Current, ILOAD, 500 mA/Division
(VIN = 5.0 V, ILOAD = 100 mA to 1.0 A, L = 6.8 mH,
COUT = 33 mF)
0
0.4
0.8
1.2
1.6
2.0
−50
−25
0
25
50
75
100
Figure 29. Off−Stage Current versus Ambient
Temperature
TA, AMBIENT TEMPERATURE (°C)
3.3 V
2.5 V
1.8 V
20
30
40
50
60
70
−50
−25
0
25
50
75
100
2.5 V
3.3 V
1.8 V
Figure 30. Operating Current versus Ambient
Temperature
TA, AMBIENT TEMPERATURE (°C)
450
500
550
600
650
700
−50
−25
0
25
50
75
100
Figure 31. Oscillator Frequency versus Ambient
Temperature
TA, AMBIENT TEMPERATURE (°C)
1.8 V
2.5 V
3.3 V
200
250
300
350
400
450
−50
−25
0
25
50
75
100
Figure 32. PWM/PFM Switch ON Time Threshold
versus Ambient Temperature
TA, AMBIENT TEMPERATURE (°C)
2.5 V
3.3 V
1.8 V
VIN = 5.0 V
VCE = 5.0 V
VIN = 5.0 V
VIN = 5.0 V


Similar Part No. - NCP1550SN18T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
   600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
NCP1550SN18T1G ONSEMI-NCP1550SN18T1G Datasheet
191Kb / 18P
   600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
More results

Similar Description - NCP1550SN18T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
   600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
NCP1521B ONSEMI-NCP1521B Datasheet
219Kb / 14P
   1.5 MHz, 600 mA Step?묭own DC?묭C Converter
March, 2007 ??Rev. 0
NCP1450A ONSEMI-NCP1450A_05 Datasheet
220Kb / 22P
   PWM Step?뭫p DC?묭C Controller
December, 2005 ??Rev. 7
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
   PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com