Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1729 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1729
Description  Switched Capacitor Voltage Inverter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1729 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1729_06 Datasheet HTML 1Page - ON Semiconductor NCP1729_06 Datasheet HTML 2Page - ON Semiconductor NCP1729_06 Datasheet HTML 3Page - ON Semiconductor NCP1729_06 Datasheet HTML 4Page - ON Semiconductor NCP1729_06 Datasheet HTML 5Page - ON Semiconductor NCP1729_06 Datasheet HTML 6Page - ON Semiconductor NCP1729_06 Datasheet HTML 7Page - ON Semiconductor NCP1729_06 Datasheet HTML 8Page - ON Semiconductor NCP1729_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
NCP1729
http://onsemi.com
5
6
4
2
3
1
OSC
−Vout
C1
C2
RL
+
+
C3
Vin
+
Figure 14. Test Setup/Voltage Inverter
5
C1 = C2 = C3 = 3.3 mF
DETAILED OPERATING DESCRIPTION
The NCP1729 charge pump converter inverts the voltage
applied to the Vin pin. Conversion consists of a two−phase
operation (Figure 15). During the first phase, switches S2
and S4 are open and S1 and S3 are closed. During this time,
C1 charges to the voltage on Vin and load current is supplied
from C2. During the second phase, S2 and S4 are closed, and
S1 and S3 are open. This action connects C1 across C2,
restoring charge to C2.
Figure 15. Ideal Switched Capacitor Charge Pump
S3
S4
C2
C1
S1
S2
Vin
−Vout
From OSC
APPLICATIONS INFORMATION
Output Voltage Considerations
The NCP1729 performs voltage conversion but does not
provide regulation. The output voltage will drop in a linear
manner with respect to load current. The value of this
equivalent output resistance is approximately 26
W nominal
at 25
°C with Vin = 5.0 V. Vout is approximately −5.0 V at
light loads, and drops according to the equation below:
VDROP + Iout
Rout
Vout
+ * (Vin * VDROP)
Charge Pump Efficiency
The overall power conversion efficiency of the charge
pump is affected by four factors:
1. Losses from power consumed by the internal
oscillator, switch drive, etc. (which vary with input
voltage, temperature and oscillator frequency).
2. I2R losses due to the on−resistance of the MOSFET
switches on−board the charge pump.
3. Charge pump capacitor losses due to
Equivalent Series Resistance (ESR).
4. Losses that occur during charge transfer from the
commutation capacitor to the output capacitor when
a voltage difference between the two capacitors
exists.
Most of the conversion losses are due to factors 2, 3 and 4.
These losses are given by Equation 1.
P
LOSS(2,3,4) +
Iout
2
Rout ^ Iout
2
1
(f
OSC
)C1
) 8R
SWITCH )
4ESR
C1
) ESR
C2
(eq. 1)
The 1/(fOSC)(C1) term in Equation 1 is the effective output
resistance of an ideal switched capacitor circuit (Figures 16
and 17).
The losses due to charge transfer above are also shown in
Equation 2. The output voltage ripple is given by Equation 3.
) 0.5C2 (VRIPPLE2 * 2VoutVRIPPLE)] fOSC
PLOSS + [0.5C1 (Vin
2
* Vout2)
(eq. 2)
V
RIPPLE +
Iout
(f
OSC
)(C
2
)
) 2(I
out)(ESRC2
)
(eq. 3)
RL
C2
C1
Vin
Vout
f
Figure 16. Ideal Switched Capacitor Model
RL
C2
Vin
Vout
REQUIV
R
EQUIV +
1
f
C1
Figure 17. Equivalent Output Resistance


Similar Part No. - NCP1729_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1729SN35T1 ONSEMI-NCP1729SN35T1 Datasheet
165Kb / 22P
   Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
NCP1729SN35T1G ONSEMI-NCP1729SN35T1G Datasheet
165Kb / 22P
   Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
NCP1729SN35T1G ONSEMI-NCP1729SN35T1G Datasheet
176Kb / 23P
   Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
NCP1729 ONSEMI-NCP1729_16 Datasheet
176Kb / 23P
   Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
More results

Similar Description - NCP1729_06

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
   Switched Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729 Datasheet
165Kb / 22P
   Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
logo
Intersil Corporation
ICL828 INTERSIL-ICL828 Datasheet
78Kb / 7P
   Switched-Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_16 Datasheet
176Kb / 23P
   Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2682 NSC-LM2682 Datasheet
136Kb / 7P
   Switched Capacitor Voltage Doubling Inverter
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM2776 TI1-LM2776_16 Datasheet
1Mb / 23P
[Old version datasheet]   Switched Capacitor Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com