Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1654PG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1654PG
Description  Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre?묬onverters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1654PG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1654PG Datasheet HTML 1Page - ON Semiconductor NCP1654PG Datasheet HTML 2Page - ON Semiconductor NCP1654PG Datasheet HTML 3Page - ON Semiconductor NCP1654PG Datasheet HTML 4Page - ON Semiconductor NCP1654PG Datasheet HTML 5Page - ON Semiconductor NCP1654PG Datasheet HTML 6Page - ON Semiconductor NCP1654PG Datasheet HTML 7Page - ON Semiconductor NCP1654PG Datasheet HTML 8Page - ON Semiconductor NCP1654PG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NCP1654
http://onsemi.com
5
Detailed Pin Description(s)
Pin Number
Name
Function
6
Feed−Back /
Shutdown
This pin receives a feedback signal VFB that is proportional to the PFC circuits output voltage.
This information is used for both the output regulation, the over−voltage protection (OVP), and
output undervoltage protection (UVP).
When VFB goes above 105% Vref, OVP is activated and the Drive Output is disabled.
When VFB goes below 8% Vref, the device enters a low−consumption shutdown mode.
5
Vcontrol /
Soft−Start
The voltage of this pin Vcontrol directly controls the input impedance and hence the power factor
of the circuit. This pin is connected to an external capacitor Ccontrol to limit the Vcontrol band-
width typically below 20 Hz to achieve near unity power factor.
The device provides no output when Vcontrol < 0.7 V.
Vcontrol is grounded when the circuits is off.
In B version, when it starts to operate, Vcontrol raises slowly by inside 20 mA current source
after VFB is higher than 95% of Vref, which obtains a linear control of the increasing duty cycle
as a function of time. Hence reduce the voltage and current stress on the MOSFET. Soft Start
function is achieved.
In A version, when it starts to operate, Vcontrol raises rapidly by inside 200 mA current source. It
is to boost the PFC output in a short time before the operation of the converter behind the PFC
stage.
4
Brown−Out / In
Connect a resistor network among the rectified input voltage, pin4, and ground. And connect a
capacitor between pin4 and ground. Pin4 detects a voltage signal proportional to the average
input voltage.
When VBO goes below 0.7 V, the circuit that detects too low input voltage conditions (brown−
out), turns off the output driver and keeps it in low state till VBO exceeds 1.3 V (0.6 V hysteresis).
This signal which is proportional to the RMS input voltage Vac is also for over−power limitation
(OPL) and PFC duty cycle modulation. When the product
ICS
VBO
2
R u
4nA2,
OPL is activated and the Drive Output duty ratio is reduced by pulling down Vcontrol indirectly to
reduce the input power.
3
Current Sense Input
This pin sources a current ICS which is proportional to the inductor current IL. The sense current
ICS is for over−current protection (OCP), over−power limitation (OPL) and PFC duty cycle modu-
lation. When ICS goes above 200 mA, OCP is activated and the Drive Output is disabled.
2
Multiplier Voltage
This pin provides a voltage VM for the PFC duty cycle modulation. The input impedance of the
PFC circuits is proportional to the resistor RM externally connected to this pin. The device oper-
ates in average current mode if an external capacitor CM is connected to the pin. Otherwise, it
operates in peak current mode.
1
Ground
8
Drive
The high current capability of the totem pole gate drive (±1.5 A) makes it suitable to effectively
drive high gate charge power MOSFET.
7
VCC
This pin is the positive supply of the IC. The circuit typically starts to operate when VCC exceeds
13.75 V (version A), 10.5 V (version B) and turns off when VCC goes below 9 V. After start−up,
the operating range is 9 V up to 20 V.


Similar Part No. - NCP1654PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654 Datasheet
268Kb / 23P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
June, 2009 ??Rev. 3
NCP1654BD133R2G ONSEMI-NCP1654BD133R2G Datasheet
268Kb / 23P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
June, 2009 ??Rev. 3
NCP1654BD133R2G ONSEMI-NCP1654BD133R2G Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
NCP1654BD200R2G ONSEMI-NCP1654BD200R2G Datasheet
268Kb / 23P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
June, 2009 ??Rev. 3
NCP1654BD200R2G ONSEMI-NCP1654BD200R2G Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
More results

Similar Description - NCP1654PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654_11 Datasheet
234Kb / 23P
   Power Factor Controller for Compact and Robust Continuous Conduction Mode Pre-Converters
July, 2011 ??Rev. 4
NCP1654 ONSEMI-NCP1654_09 Datasheet
268Kb / 23P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
June, 2009 ??Rev. 3
NCP1655 ONSEMI-NCP1655 Datasheet
732Kb / 23P
   Power Factor Controller for Compact and Robust Multimode Pre-Converters
November, 2020 ??Rev. 0
logo
Sanken electric
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
   Power Factor Correction Continuous Conduction Mode Controller
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654_16 Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
logo
Infineon Technologies A...
ICE2PCS05 INFINEON-ICE2PCS05_10 Datasheet
500Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode
Version 1.2, 22 Mar 2010
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653 Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653 ONSEMI-NCP1653_09 Datasheet
240Kb / 19P
   Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
August, 2009 ??Rev. 7
NCP1653 ONSEMI-NCP1653_07 Datasheet
183Kb / 19P
   Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com