Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1654PG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1654PG
Description  Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre?묬onverters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1654PG Datasheet(HTML) 7 Page - ON Semiconductor

  NCP1654PG Datasheet HTML 1Page - ON Semiconductor NCP1654PG Datasheet HTML 2Page - ON Semiconductor NCP1654PG Datasheet HTML 3Page - ON Semiconductor NCP1654PG Datasheet HTML 4Page - ON Semiconductor NCP1654PG Datasheet HTML 5Page - ON Semiconductor NCP1654PG Datasheet HTML 6Page - ON Semiconductor NCP1654PG Datasheet HTML 7Page - ON Semiconductor NCP1654PG Datasheet HTML 8Page - ON Semiconductor NCP1654PG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NCP1654
http://onsemi.com
7
DETAILED OPERATING DESCRIPTION
Introduction
The NCP1654 is a PFC driver designed to operate in
fixed frequency, continuous conduction mode. The fixed
frequency operation eases the compliance with EMI
standard and the limitation of the possible radiated noise
that may pollute surrounding systems. In addition,
continuous conduction operation reduces the application
dI/dt and their resulting interference. More generally, the
NCP1654 is an ideal candidate in systems where
cost−effectiveness, reliability and high power factor are the
key parameters. It incorporates all the necessary features to
build a compact and rugged PFC stage:
Compactness and Flexibility: housed in a DIP8 or
SO8 package, the NCP1654 requires a minimum of
external components. In particular, the circuit scheme
simplifies the PFC stage design and eliminates the
need for any input voltage sensing. In addition, the
circuit offers some functions like the Brown−Out or
the true power limiting that enable the optimizations
of the PFC design,
Low Consumption and Shutdown Capability: the
NCP1654 is optimized to exhibit consumption as
small as possible in all operation modes. The
consumed current is particularly reduced during the
start−up phase and in shutdown mode so that the PFC
stage power losses are extremely minimized when the
circuit is disabled. This feature helps meet the more
stringent stand−by low power specifications. Just
ground the Feed−back pin to force the NCP1654 in
shutdown mode,
Safety Protections: the NCP1654 permanently
monitors the output voltage, the coil current and the die
temperature to protect the system from possible
over−stresses. Integrated protections (over−voltage
protection, coil current limitation, thermal shutdown…)
make the PFC stage extremely robust and reliable:
− Maximum Current Limit: the circuit permanently
senses the coil current and immediately turns off the
power switch if it is higher than the set current limit.
The NCP1654 also prevents any turn on of the
power switch as long as the coil current is not below
its maximum permissible level. This feature protects
the MOSFET from possible excessive stress that
could result from the switching of a current higher
than the one the power switch is dimensioned for. In
particular, this scheme effectively protects the PFC
stage during the start−up phase when large in−rush
currents charge the output capacitor,
− Under−Voltage Protection / Shut−down: the circuit
detects when the feed−back voltage goes below than
about 8% of the regulation level. In this case, the
circuit turns off and its consumption drops to a very
low value. This feature protects the PFC stage from
starting operation in case of low AC line conditions
or in case of a failure in the feed−back network (e.g.,
bad connection),
− Fast Transient Response: given the low bandwidth
of the regulation block, the output voltage of PFC
stages may exhibit excessive over or under−shoots
because of abrupt load or input voltage variations
(e.g. at start up). If the output voltage is too far from
the regulation level:
Over−Voltage Protection: NCP1654 turns off the
power switch as soon as Vout exceeds the OVP
threshold (105% of the regulation level). Hence
a cost & size effective bulk capacitor of lower
voltage rating is suitable for this application,
Vout Low Detect: NCP1654 drastically speeds up
the regulation loop by its internal 200
mA
enhanced current source when the output
voltage is below 95% of its regulation level.
− Brown−Out Detection: the circuit detects low AC
line conditions and disables the PFC stage in this
case. This protection mainly protects the power
switch from the excessive stress that could damage it
in such conditions,
− Over−Power Limitation: the NCP1654 computes
the maximum permissible current in dependence of
the average input voltage measured by the
brown−out block. When the circuit detects an
excessive power transfer, it resets the PWM latch
and pulls down the regulation block output as long
as the calculated power keeps too high,
− Thermal Shutdown: an internal thermal circuitry
disables the circuit gate drive and then keeps the
power switch off when the junction temperature
exceeds 150°C typically. The circuit resumes
operation once the temperature drops below about
120°C (30°C hysteresis),
− Soft Start: Vcontrol is pulled low as the IC is off,
which VCC is lower than UVLO off, brown−out
detection activates, or under−voltage protection
activates, and no drive is provided.
The soft−start function is done by disable the
“200
mA enhanced current source” at start up. So
there is only 20
mA to charge the Ccontrol, and
makes Vcontrol increase slowly. This is to obtain a
slow increasing duty cycle and hence reduce the
voltage and current stress on the MOSFET.
This soft−start function is designed in B version
only. A version doesn’t have this soft−start function,
because VCC of A version is supposed to start up by
the resistors connected to input voltage and should
be able to boost the PFC output as soon as possible
before the 2nd stage converter operates. So at start
up period, Ccontrol will be charged by 220
mA
current source and the PFC output will rise rapidly.
Output Stage Totem Pole: the NCP1654 incorporates
a ±1.5A gate driver to efficiently drive TO220 or
TO247 power MOSFETs.


Similar Part No. - NCP1654PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654 Datasheet
268Kb / 23P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
June, 2009 ??Rev. 3
NCP1654BD133R2G ONSEMI-NCP1654BD133R2G Datasheet
268Kb / 23P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
June, 2009 ??Rev. 3
NCP1654BD133R2G ONSEMI-NCP1654BD133R2G Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
NCP1654BD200R2G ONSEMI-NCP1654BD200R2G Datasheet
268Kb / 23P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
June, 2009 ??Rev. 3
NCP1654BD200R2G ONSEMI-NCP1654BD200R2G Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
More results

Similar Description - NCP1654PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654_11 Datasheet
234Kb / 23P
   Power Factor Controller for Compact and Robust Continuous Conduction Mode Pre-Converters
July, 2011 ??Rev. 4
NCP1654 ONSEMI-NCP1654_09 Datasheet
268Kb / 23P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
June, 2009 ??Rev. 3
NCP1655 ONSEMI-NCP1655 Datasheet
732Kb / 23P
   Power Factor Controller for Compact and Robust Multimode Pre-Converters
November, 2020 ??Rev. 0
logo
Sanken electric
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
   Power Factor Correction Continuous Conduction Mode Controller
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654_16 Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
logo
Infineon Technologies A...
ICE2PCS05 INFINEON-ICE2PCS05_10 Datasheet
500Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode
Version 1.2, 22 Mar 2010
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653 Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653 ONSEMI-NCP1653_09 Datasheet
240Kb / 19P
   Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
August, 2009 ??Rev. 7
NCP1653 ONSEMI-NCP1653_07 Datasheet
183Kb / 19P
   Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com