Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP2809 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP2809
Description  NOCAP 135 mW Stereo Headphone Power Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2809 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP2809_06 Datasheet HTML 4Page - ON Semiconductor NCP2809_06 Datasheet HTML 5Page - ON Semiconductor NCP2809_06 Datasheet HTML 6Page - ON Semiconductor NCP2809_06 Datasheet HTML 7Page - ON Semiconductor NCP2809_06 Datasheet HTML 8Page - ON Semiconductor NCP2809_06 Datasheet HTML 9Page - ON Semiconductor NCP2809_06 Datasheet HTML 10Page - ON Semiconductor NCP2809_06 Datasheet HTML 11Page - ON Semiconductor NCP2809_06 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
NCP2809 Series
http://onsemi.com
8
TYPICAL CHARACTERISTICS
0.001
0.01
0.1
1
10
OUTPUT POWER (mW)
10
30
40
50
020
0.001
0.01
0.1
1
10
OUTPUT POWER (mW)
10
20
30
35
0
515
25
0.001
0.01
0.1
1
10
OUTPUT POWER (mW)
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
140
160
Figure 12. THD+N vs. Power Out
Vp = 5.0 V, RL = 16 W, 1.0 kHz
Figure 13. THD+N vs. Power Out
Vp = 5.0 V, RL = 32 W, 1.0 kHz
0
10
203040
50607080
90
Figure 14. THD+N vs. Power Out
Vp = 3.3 V, RL = 16 W, 1.0 kHz
Figure 15. THD+N vs. Power Out
Vp = 3.3 V, RL = 32 W, 1.0 kHz
10
20
30
40
Figure 16. THD+N vs. Power Out
Vp = 3.0 V, RL = 16 W, 1.0 kHz
Figure 17. THD+N vs. Power Out
Vp = 3.0 V, RL = 32 W, 1.0 kHz
OUTPUT POWER (mW)
0.001
0.01
0.1
1
10
0
OUTPUT POWER (mW)
0.001
0.01
0.1
1
10
OUTPUT POWER (mW)
0
10
30
40
50
020
60


Similar Part No. - NCP2809_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2809A ONSEMI-NCP2809A Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809ADMR2 ONSEMI-NCP2809ADMR2 Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809B ONSEMI-NCP2809B Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809BDMR2 ONSEMI-NCP2809BDMR2 Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809BDMR2G ONSEMI-NCP2809BDMR2G Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
More results

Similar Description - NCP2809_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809 Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2811 ONSEMI-NCP2811 Datasheet
216Kb / 14P
   NOCAP Advanced Stereo Headphone Amplifier
October, 2009 ??Rev. 2
logo
Texas Instruments
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
TPA6100A2D TI-TPA6100A2D_06 Datasheet
256Kb / 11P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2D TI-TPA6100A2D Datasheet
241Kb / 10P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6138A2 TI1-TPA6138A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com