Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP2890AFCT2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP2890AFCT2
Description  1.0 Watt Audio Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2890AFCT2 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP2890AFCT2 Datasheet HTML 1Page - ON Semiconductor NCP2890AFCT2 Datasheet HTML 2Page - ON Semiconductor NCP2890AFCT2 Datasheet HTML 3Page - ON Semiconductor NCP2890AFCT2 Datasheet HTML 4Page - ON Semiconductor NCP2890AFCT2 Datasheet HTML 5Page - ON Semiconductor NCP2890AFCT2 Datasheet HTML 6Page - ON Semiconductor NCP2890AFCT2 Datasheet HTML 7Page - ON Semiconductor NCP2890AFCT2 Datasheet HTML 8Page - ON Semiconductor NCP2890AFCT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 10
1
Publication Order Number:
NCP2890/D
NCP2890, NCV2890
1.0 Watt Audio Power
Amplifier
The NCP2890 is an audio power amplifier designed for portable
communication device applications such as mobile phone
applications. The NCP2890 is capable of delivering 1.0 W of
continuous average power to an 8.0
W BTL load from a 5.0 V power
supply, and 320 mW to a 4.0
W BTL load from a 2.6 V power supply.
The NCP2890 provides high quality audio while requiring few
external components and minimal power consumption. It features a
low−power consumption shutdown mode, which is achieved by
driving the SHUTDOWN pin with logic low.
The NCP2890 contains circuitry to prevent from “pop and click”
noise that would otherwise occur during turn−on and turn−off
transitions.
For maximum flexibility, the NCP2890 provides an externally
controlled gain (with resistors), as well as an externally controlled
turn−on time (with the bypass capacitor).
Due to its excellent PSRR, it can be directly connected to the
battery, saving the use of an LDO.
This device is available in a 9−Pin Flip−Chip CSP (standard
Tin−Lead and Lead−Free versions) and a Micro8
t package.
Features
1.0 W to an 8.0 W BTL Load from a 5.0 V Power Supply
Excellent PSRR: Direct Connection to the Battery
“Pop and Click” Noise Protection Circuit
Ultra Low Current Shutdown Mode
2.2 V−5.5 V Operation
External Gain Configuration Capability
External Turn−on Time Configuration Capability
Up to 1.0 nF Capacitive Load Driving Capability
Thermal Overload Protection Circuitry
AEC−Q100 Qualified Part Available
Pb−Free Packages are Available
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Typical Applications
Portable Electronic Devices
PDAs
Wireless Phones
9−Pin Flip−Chip CSP
FC SUFFIX
CASE 499E
PIN CONNECTIONS
XXX
= Specific Device Code,
A, R
= Assembly Location
Y
= Year
WW, W = Work Week
G
= Pb−Free Package
MARKING
DIAGRAMS
A3
B3
C3
A2
B2
C2
A1
B1
C1
INM
OUTA
INP
VM_P
VM
Vp
BYPASS
OUTB SHUTDOWN
8
7
6
5
1
2
3
4
Micro8
DM SUFFIX
CASE 846A
SHUTDOWN
BYPASS
INP
INM
OUTB
VM
Vp
OUTA
1
8
9−Pin Flip−Chip CSP
Micro8
(Top View)
(Top View)
1
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
XXX
AYWW
G
A1
A3
C1
XXX
RYW
G
G
1
8


Similar Part No. - NCP2890AFCT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2890AFCT2 ONSEMI-NCP2890AFCT2 Datasheet
190Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2004 ??Rev. 8
NCP2890AFCT2 ONSEMI-NCP2890AFCT2 Datasheet
206Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
NCP2890AFCT2G ONSEMI-NCP2890AFCT2G Datasheet
190Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2004 ??Rev. 8
NCP2890AFCT2G ONSEMI-NCP2890AFCT2G Datasheet
206Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
More results

Similar Description - NCP2890AFCT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2890FCT1 ONSEMI-NCP2890FCT1 Datasheet
206Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
NCP2890 ONSEMI-NCP2890 Datasheet
190Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2004 ??Rev. 8
logo
Lyontek Inc.
LY8891 LYONTEK-LY8891 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
LY8890 LYONTEK-LY8890 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
logo
ON Semiconductor
NCP4896 ONSEMI-NCP4896 Datasheet
130Kb / 16P
   1.0 Watt Audio Power Amplifier with Earpiece Driving Capability
March, 2005 ??Rev. 3
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
   2.7 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com