Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AT89C2051-24SU Datasheet(PDF) 12 Page - ATMEL Corporation

Part No. AT89C2051-24SU
Description  8-bit Microcontroller with 2K Bytes Flash
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C2051-24SU Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT89C2051-24SU Datasheet HTML 8Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 9Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 10Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 11Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 12Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 13Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 14Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 15Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
0368G–MICRO–6/05
AT89C2051
Notes:
1. Under steady state (non-transient) conditions, I
OL must be externally limited as follows:
Maximum I
OL per port pin: 20 mA
Maximum total I
OL for all output pins: 80 mA
If I
OL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test conditions.
2. Minimum V
CC for Power-down is 2V.
16. Absolute Maximum Ratings*
Operating Temperature ................................. -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin
with Respect to Ground .....................................-1.0V to +7.0V
Maximum Operating Voltage ............................................ 6.6V
DC Output Current...................................................... 25.0 mA
17. DC Characteristics
T
A = -40°C to 85°C, VCC = 2.7V to 6.0V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Max
Units
V
IL
Input Low-voltage
-0.5
0.2 V
CC - 0.1
V
V
IH
Input High-voltage
(Except XTAL1, RST)
0.2 V
CC + 0.9
V
CC + 0.5
V
VIH1
Input High-voltage
(XTAL1, RST)
0.7 VCC
VCC + 0.5
V
V
OL
Output Low-voltage
(1)
(Ports 1, 3)
IOL = 20 mA, VCC = 5V
I
OL = 10 mA, VCC = 2.7V
0.5
V
V
OH
Output High-voltage
(Ports 1, 3)
I
OH = -80 µA, VCC = 5V ± 10%
2.4
V
I
OH = -30 µA
0.75 V
CC
V
IOH = -12 µA
0.9 VCC
V
I
IL
Logical 0 Input Current
(Ports 1, 3)
V
IN = 0.45V
-50
µA
ITL
Logical 1 to 0 Transition Current
(Ports 1, 3)
VIN = 2V, VCC = 5V ± 10%
-750
µA
I
LI
Input Leakage Current
(Port P1.0, P1.1)
0 < V
IN < VCC
±10
µA
V
OS
Comparator Input Offset Voltage
V
CC = 5V
20
mV
V
CM
Comparator Input Common
Mode Voltage
0V
CC
V
RRST
Reset Pull-down Resistor
50
300
k
C
IO
Pin Capacitance
Test Freq. = 1 MHz, T
A = 25°C
10
pF
I
CC
Power Supply Current
Active Mode, 12 MHz, VCC = 6V/3V
15/5.5
mA
Idle Mode, 12 MHz, V
CC = 6V/3V
P1.0 & P1.1 = 0V or VCC
5/1
mA
Power-down Mode
(2)
V
CC = 6V, P1.0 & P1.1 = 0V or VCC
100
µA
V
CC = 3V, P1.0 & P1.1 = 0V or VCC
20
µA


Similar Part No. - AT89C2051-24SU

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT89C2051-24SU ATMEL-AT89C2051-24SU Datasheet
397Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
More results

Similar Description - AT89C2051-24SU

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_08 Datasheet
397Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com