Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4300ADG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP4300ADG
Description  Dual Operational Amplifier and Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4300ADG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP4300ADG Datasheet HTML 1Page - ON Semiconductor NCP4300ADG Datasheet HTML 2Page - ON Semiconductor NCP4300ADG Datasheet HTML 3Page - ON Semiconductor NCP4300ADG Datasheet HTML 4Page - ON Semiconductor NCP4300ADG Datasheet HTML 5Page - ON Semiconductor NCP4300ADG Datasheet HTML 6Page - ON Semiconductor NCP4300ADG Datasheet HTML 7Page - ON Semiconductor NCP4300ADG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NCP4300A
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Op−Amp 2 (Independent op−amp) (VCC = 5.0 V, Vout = 1.4 V, TA = 25°C, unless otherwise noted)
Input Offset Voltage
TA = 25°C
TA = 0°C to 105°C
VIO
0.5
2.0
3.0
mV
Input Offset Voltage Temperature Coefficient
TA = 0°C to 105°C
DVIO/DT
7.0
mV/°C
Input Offset Current
TA = 25°C
TA = 0°C to 105°C
IIO
2.0
30
30
nA
Input Bias Current
TA = 25°C
TA = 0°C to 105°C
IIB
−50
−150
−150
nA
Input Common Mode Voltage Range (VCC = 0 V to 35 V)
VICR
0 to
VCC −1.5
V
Large Signal Voltage Gain (VCC = 15 V, RL = 2.0 kW, Vout = 1.4 V to 11.4 V)
TA = 25°C
TA = 0°C to 105°C
AVOL
50
25
100
V/mV
Power Supply Rejection (VCC = 5.0 V to 30 V)
PSRR
40
90
dB
Common Mode Rejection (VCM = 0 V to 3.5 V)
TA = 25°C
TA = 0°C to 105°C
CMRR
40
30
60
dB
Output Source Current (VCC = 15 V, Vout = 2.0 V, VID = +1.0 V)
IO+
10
16
mA
Output Sink Current (VCC = 15 V, Vout = 2.0 V, VID = −1.0 V)
IO−
10
25
mA
Output Voltage Swing, High (VCC = 30 V, RL = 10 kW, VID = +1.0 V)
TA = 25°C
TA = 0°C to 105°C
VOH
27
27
28
V
Output Voltage Swing, Low (RL = 10 kW, VID = −1.0 V)
TA = 25°C
TA = 0°C to 105°C
VOL
17
100
100
mV
Slew Rate (Vin = 0.5 to 3.0 V, VCC = 15 V, RL = 2.0 kW, Av = 1.0, CL = 100 pF)
SR
0.3
0.5
V/
ms
Unity Gain Bandwidth (VCC = 30 V, RL = 2.0 kW, CL = 100 pF, Vin = 0.5 Vpp @
f = 70 kHz)
BW
0.3
0.7
MHz
Total Harmonic Distortion (f = 1.0 KHz, AV = 10, RL = 2.0 kW, VCC = 30 V,
Vout = 2.0 VPP)
THD
0.02
%
Voltage Reference
Reference Voltage (IK = 10 mA)
TA = 25°C
TA = 0°C to 105°C
Vref
2.574
2.60
2.60
2.626
V
Reference Input Voltage Deviation Over Full Temperature Range
(IK = 10 mA, TA = 0°C to 105°C)
DVref
5.0
22
mV
Minimum Cathode Current for Regulation
IK(min)
55
80
mA
Dynamic Impedance
TA = 25°C, IK = 1.0 to 80 mA, f t 1.0 KHz
TA = 0°C to 125°C, IK = 1.0 mA to 60 mA, f t 1.0 KHz
|ZKA|
0.3
0.5
0.6
W


Similar Part No. - NCP4300ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4300ADG ONSEMI-NCP4300ADG Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
More results

Similar Description - NCP4300ADG

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
   Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
logo
STMicroelectronics
TSM103W STMICROELECTRONICS-TSM103W Datasheet
54Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
GTM CORPORATION
GP103A GTM-GP103A Datasheet
184Kb / 4P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
STMicroelectronics
TSM103AIDT STMICROELECTRONICS-TSM103AIDT Datasheet
104Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
TSM106 STMICROELECTRONICS-TSM106 Datasheet
90Kb / 6P
   Dual Operational Amplifier and Voltage Reference
TSM103 STMICROELECTRONICS-TSM103_03 Datasheet
95Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com