Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5218MNR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP5218MNR2G
Description  2?뭝n?? Notebook DDR Power Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5218MNR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP5218MNR2G Datasheet HTML 4Page - ON Semiconductor NCP5218MNR2G Datasheet HTML 5Page - ON Semiconductor NCP5218MNR2G Datasheet HTML 6Page - ON Semiconductor NCP5218MNR2G Datasheet HTML 7Page - ON Semiconductor NCP5218MNR2G Datasheet HTML 8Page - ON Semiconductor NCP5218MNR2G Datasheet HTML 9Page - ON Semiconductor NCP5218MNR2G Datasheet HTML 10Page - ON Semiconductor NCP5218MNR2G Datasheet HTML 11Page - ON Semiconductor NCP5218MNR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
NCP5218
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS (continued) (VIN = 12 V, TA = −40 to 85_C, VCCA = VCCP = VBOOST − VSWDDQ = 5.0 V,
L = 1.8 mH, COUT1 = 150 mF x 2, COUT2 = 22 mF x 2, RL1 = 5.6 kW, R1 = 4.3 kW, R2 = 3.3 kW, RZ1 = 10 kW, RZ2 = 130 W, CP1 = 100 pF,
CZ1 = 2.2 nF, CZ2 = 4.7 nF, for min/max values unless otherwise noted. Typical values are at TA = 25_C.)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
CONTROL SECTION
VDDQEN Pin Threshold High
VDDQEN_H
1.4
V
VDDQEN Pin Threshold Low
VDDQEN_L
0.5
V
VDDQEN Pin Input Current
IIN_
VDDQEN
VDDQEN = 5.0 V
1.0
mA
VTTEN Pin Threshold High
VTTEN_H
1.4
V
VTTEN Pin Threshold Low
VTTEN_L
0.5
V
VTTEN Pin Input Current
IIN_VTTEN
VDDQEN = VTTEN = 5.0 V
1.0
mA
FPWM Pin Threshold High
FPWM_H
1.4
V
FPWM Pin Threshold Low
FPWM_L
0.5
V
FPWM Pin Input Current
IIN_FPWM
VDDQEN = VTTEN =FPWM
= 5.0 V
1.0
mA
PGOOD Pin ON Resistance
PGOOD_R
I_PGOOD = 5.0 mA
70
W
PGOOD Pin OFF Current
PGOOD_LK
1.0
mA
PGOOD LOW−to−HIGH Hold Time, for S5 to S0
thold
(Note 6)
200
ms
6. Guaranteed by design, not tested in production.


Similar Part No. - NCP5218MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5210 ONSEMI-NCP5210 Datasheet
171Kb / 18P
   3-in-1 PWM Dual Buck and Linear DDR Power Controller
January, 2005 ??Rev. 4
NCP5210MNR2 ONSEMI-NCP5210MNR2 Datasheet
171Kb / 18P
   3-in-1 PWM Dual Buck and Linear DDR Power Controller
January, 2005 ??Rev. 4
NCP5210MNR2G ONSEMI-NCP5210MNR2G Datasheet
171Kb / 18P
   3-in-1 PWM Dual Buck and Linear DDR Power Controller
January, 2005 ??Rev. 4
NCP5210MNR2G ONSEMI-NCP5210MNR2G Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
NCP5211 ONSEMI-NCP5211 Datasheet
124Kb / 13P
   Low Voltage Synchronous Buck Controller
April, 2006 ??Rev. 0
More results

Similar Description - NCP5218MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5214A ONSEMI-NCP5214A Datasheet
363Kb / 31P
   2?뭝n?? Notebook DDR Power Controller
May, 2006 ??Rev. 0
NCP5214 ONSEMI-NCP5214 Datasheet
89Kb / 14P
   2-in-1 Notebook DDR Power Controller
April, 2005 ??Rev. P0
NCP5203 ONSEMI-NCP5203 Datasheet
69Kb / 10P
   2-in-1 DDR Power Controller
January, 2005 ??Rev. 1
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
logo
Texas Instruments
TPS51020 TI-TPS51020 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
logo
Semtech Corporation
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
   DDR and DDR Memory VTT power Supply Controller
SC1480 SEMTECH-SC1480 Datasheet
533Kb / 22P
   DDR Memory Power Supply Controller
logo
ON Semiconductor
NCP5201 ONSEMI-NCP5201 Datasheet
69Kb / 10P
   Dual Output DDR Power Controller
September, 2004 ??Rev. 9
NCP5201 ONSEMI-NCP5201_06 Datasheet
83Kb / 9P
   Dual Output DDR Power Controller
April, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com