Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5316MNR2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP5316MNR2
Description  Four/Five/Six?뭁hase Buck CPU Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5316MNR2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP5316MNR2 Datasheet HTML 5Page - ON Semiconductor NCP5316MNR2 Datasheet HTML 6Page - ON Semiconductor NCP5316MNR2 Datasheet HTML 7Page - ON Semiconductor NCP5316MNR2 Datasheet HTML 8Page - ON Semiconductor NCP5316MNR2 Datasheet HTML 9Page - ON Semiconductor NCP5316MNR2 Datasheet HTML 10Page - ON Semiconductor NCP5316MNR2 Datasheet HTML 11Page - ON Semiconductor NCP5316MNR2 Datasheet HTML 12Page - ON Semiconductor NCP5316MNR2 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
NCP5316
http://onsemi.com
9
PIN DESCRIPTION
Pin No.
Pin Symbol
Pin Name
Description
1−6
VID0−VID5
DAC VID Inputs
VID−compatible logic input used to program the converter output
voltage. All high on VID0−VID4 generates fault.
7
LGND
Logic Ground
IC analog ground; connected to IC substrate.
8, 9, 19, 20
NC
No Connect
For factory test only. Let these pins float.
10
SGND
Remote Sense Ground
Ground connection for DAC and error amplifier. Provides remote
sensing of load ground.
11
PWRGD
Power Good Output
Open collector output goes high when the converter output is in reg-
ulation.
12
PWRLS
Power Good Sense
Voltage sensing pin for Power Good lower threshold.
13
DRVON
Drive Enable
Logic high output enables MOSFET drivers, and logic low turns all
MOSFETs off through MOSFET drivers. Pulled to ground through
internal 70 kW resistor.
14
SS
Soft Start
A capacitor between this pin and ground programs the soft start time.
15
ENABLE
Enable
A voltage less than the threshold puts the IC in Fault Mode, dis-
charging SS. Connect to system VIDPWRGD signal to control power-
up sequencing. Hysteresis is provided to prevent chatter.
16
VFFB
Fast Voltage Feedback
Input of PWM comparator for fast voltage feedback, and also the
inputs of Power Good sense and overvoltage protection comparators
17
VFB
Voltage Feedback
Error amplifier inverting input.
18
COMP
Error Amp Output
Provides loop compensation and is clamped by SS during soft start
and fault conditions. It is also the inverting input of PWM compara-
tors.
21
CS6N
Current Sense Reference
Inverting input to current sense amplifier #6, and Phase 6 disable
pin.
22
CS6P
Current Sense Input
Non−inverting input to current sense amplifier #6, and Phase 6 dis-
able pin.
23
CS5N
Current Sense Reference
Inverting input to current sense amplifier #5.
24
CS5P
Current Sense Input
Non−inverting input to current sense amplifier #5.
25
CS4N
Current Sense Reference
Inverting input to current sense amplifier #4.
26
CS4P
Current Sense Input
Non−inverting input to current sense amplifier #4.
27
GND
Ground
Power supply return of Gate circuits.
28−33
GATE6−GATE1
Channel Outputs
PWM outputs to drive MOSFET driver ICs.
34
VCC
Gate Power Supply
Power Supply Input for Gate circuits. Must be tied to VCCL.
35
ROSC
Oscillator Frequency Adjust Resistor to ground programs the oscillator frequency, as shown in
Figure 5.
36
CS1P
Current Sense Input
Non−inverting input to current sense amplifier #1.
37
CS1N
Current Sense Reference
Inverting input to current sense amplifier #1.
38
CS2P
Current Sense Input
Non−inverting input to current sense amplifier #2.
39
CS2N
Current Sense Reference
Inverting input to current sense amplifier #2.
40
CS3P
Current Sense Input
Non−inverting input to current sense amplifier #3, and Phase 3 dis-
able pin.
41
CS3N
Current Sense Reference
Inverting input to current sense amplifier #3, and Phase 3 disable
pin.
42
IPLIM
Pulse−by−Pulse Limit
Resistor divider from VREF to ground programs the threshold of
pulse−by−pulse limit of each phase.
43
VDRP
Output of Current Sense
Amplifiers for Adaptive
Voltage Positioning:
“Droop” Pin
The offset above DAC voltage is proportional to the sum of inductor
current. A resistor from this pin to VFB programs the amount of Adap-
tive Voltage Positioning. Leave this pin open for no Adaptive Voltage
Positioning.


Similar Part No. - NCP5316MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5316MNR2 ONSEMI-NCP5316MNR2 Datasheet
355Kb / 32P
   Four/Five/Six-Phase Buck CPU Controller
February, 2004 ??Rev. 9
More results

Similar Description - NCP5316MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5316 ONSEMI-NCP5316 Datasheet
355Kb / 32P
   Four/Five/Six-Phase Buck CPU Controller
February, 2004 ??Rev. 9
NCP5318 ONSEMI-NCP5318 Datasheet
373Kb / 31P
   Two/Three/Four?뭁hase Buck CPU Controller
June, 2006 ??Rev. 4
NCP5314 ONSEMI-NCP5314_07 Datasheet
677Kb / 29P
   Two/Three/Four?뭁hase Buck CPU Controller
January, 2007 ??Rev. 10
CS5307 ONSEMI-CS5307 Datasheet
880Kb / 24P
   Four?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 9
NCP5314 ONSEMI-NCP5314 Datasheet
325Kb / 28P
   Two/Three/Four-Phase Buck CPU Controller
September, 2004 ??Rev. 9
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
   Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3430 ONSEMI-ADP3430 Datasheet
373Kb / 26P
   2??to 3?뭁hase Synchronous Buck Controller
July, 2009 ??Rev. 2
CS5323 ONSEMI-CS5323_06 Datasheet
328Kb / 16P
   Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com