Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5331 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP5331
Description  Two-Phase PWM Controller with Integrated Gate Drivers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5331 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP5331_05 Datasheet HTML 2Page - ON Semiconductor NCP5331_05 Datasheet HTML 3Page - ON Semiconductor NCP5331_05 Datasheet HTML 4Page - ON Semiconductor NCP5331_05 Datasheet HTML 5Page - ON Semiconductor NCP5331_05 Datasheet HTML 6Page - ON Semiconductor NCP5331_05 Datasheet HTML 7Page - ON Semiconductor NCP5331_05 Datasheet HTML 8Page - ON Semiconductor NCP5331_05 Datasheet HTML 9Page - ON Semiconductor NCP5331_05 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
NCP5331
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (continued) (0
°C < TA < 70°C; 0°C < TJ < 125°C; 9.0 V < VCCL < 16 V; 9.0 V < VCCH < 20 V;
9.0 V < VCCL1 = VCCL2 < 14 V; CGATE = 3.3 nF, RROSC = 32.4 kW, CCOMP = 1.0 nF, C5V(REF) = 0.1 mF, DAC Code 01110 (1.2 V),
CVCC = 1.0 mF, 0.25 V ≤ ILIM ≤ 1.0 V; unless otherwise noted)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Voltage Identification DAC (continued)
−SEN Bias Current
LGND < 55 mV, All DAC Codes
40
80
120
mA
−SEN Offset from GND
−150
200
mV
Power Good Output
Internal Delay Time
175
290
425
ms
PWRGD Low Output Voltage
IPGD = 4.0 mA
250
400
mV
Output Leakage Current
VPGD = 5.5 V
0.1
2.0
mA
VCORE/CSREF Comparator
Threshold Voltage
Tolerance from DAC Setting
−15%
−12.5%
−10%
%
CPGD Charge Current
ROSC = 32.4 kW
14.5
16
17.5
mA
CPGD Comparator Threshold
Voltage
2.8
3.0
3.2
V
CPGD External Delay Time
CPGD = 0.033 mF. Note 1.
4.8
6.0
7.8
ms
Voltage Feedback Error Amplifier
VFB Bias Current
0.7 V < VFB < 1.6 V. Note 2.
9.4
10.3
11.1
mA
COMP Source Current
COMP = 0.5 V to 2.0 V; VFB = 0.8 V
15
30
60
mA
COMP Sink Current
COMP = 0.5 V to 2.0 V; VFB = 1.5 V
15
30
60
mA
COMP Discharge Threshold
Voltage
0.20
0.33
0.40
V
Transconductance
−10
mA < ICOMP < +10 mA
32
mmho
Output Impedance
2.5
M
W
Open Loop Dc Gain
Note 1.
60
90
dB
Unity Gain Bandwidth
CCOMP = 0.01 mF
400
kHz
PSRR @ 1.0 kHz
70
dB
COMP Max Voltage
VFB = 0.8 V, COMP Open
4.1
4.4
V
COMP Min Voltage
VFB = 1.5 V, COMP Open
0.1
0.2
V
Hiccup Latch Discharge Current
4.0
7.5
13
mA
Hiccup Latch Charge/Discharge
Ratio
4.0
PWM Comparators
Minimum Pulse Width
CS1 = CS2 = CSREF
235
280
ns
Channel Start−Up Offset
CS1 = CS2 = VFB = CSREF = 0 V;
Measure COMP when GHx switch High
0.45
0.60
0.80
V
Overcurrent Shutdown Timer
Overcurrent Shutdown Voltage
Threshold
2.8
3.0
3.2
V
COVC Low Output Voltage
250
400
mV
COVC Source Current
3.0
5.0
8.0
mA
1. Guaranteed by design. Not tested in production.
2. The VFB Bias Current changes with the value of ROSC per Figure 5.


Similar Part No. - NCP5331_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5331FTR2 ONSEMI-NCP5331FTR2 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
More results

Similar Description - NCP5331_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 RENESAS-ISL6563 Datasheet
931Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 RENESAS-ISL8101 Datasheet
904Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com