Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5322ADWG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP5322ADWG
Description  Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5322ADWG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP5322ADWG Datasheet HTML 1Page - ON Semiconductor NCP5322ADWG Datasheet HTML 2Page - ON Semiconductor NCP5322ADWG Datasheet HTML 3Page - ON Semiconductor NCP5322ADWG Datasheet HTML 4Page - ON Semiconductor NCP5322ADWG Datasheet HTML 5Page - ON Semiconductor NCP5322ADWG Datasheet HTML 6Page - ON Semiconductor NCP5322ADWG Datasheet HTML 7Page - ON Semiconductor NCP5322ADWG Datasheet HTML 8Page - ON Semiconductor NCP5322ADWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
NCP5322A
http://onsemi.com
3
Figure 2. Alternate Application Diagram, 5.0 V (with 12 V Bias) to 1.6 V at 45 A, 335 kHz
Recommended Components:
L1: Coiltronics P/N CTX15−14771 or T30−26 core with 3T of #16 AWG
L2: Coiltronics P/N CTX22−15401 or T50−52 with 5T of #16 AWG Bifilar
LVCC: Murata P/N BLM21P221SG (220 W at 100 MHz)
Q1−Q4: ON Semiconductor NTB85N03 (28 V, 85 A)
SIGGND
RLIM2
1.0 k
RLIM1
4.12 k
CREF
0.1
mF
RCSREF
33 k
SIGGND
CCSREF
0.01
mF
CSREF
RDRP1
10.7 k
CFBK2
470 pF
VFB
CAMP
2.2 nF
CCMP1
2.2 nF
SIGGND
ROSC
39.2 k
CVCC
1.0
mF
+12 V
ENABLE
NCP5322A
COMP
VFB
VDRP
Cs1
CS2
CSREF
PWRGD
VID0
VID1
VID2
VID3
VID4
ILIM
REF
ROSC
VCCL
VCCL1
GL1
GND1
GH1
VCCH1
LGND
SS
VCCL2
GL2
GND2
GH2
VCCH2
CQ1
0.1
mF
Q1
Q2
CQ3
0.1
mF
Q3
Q4
L1 300 nH
+
CINPUT
Electrolytics
L2 825 nH
COUT
Electrolytics
CCER
Ceramics
L3 825 nH
SWNODE1
SWNODE2
CS1
CS2
RCS1
50 k−100 k
RCS2
50 k−100 k
CCS1
0.01
mF
CCS2
0.01
mF
RFBK1
3.40 k
PWRGD
VID0
VID1
VID2
VID3
VID4
SIGGND
D1
MBRA120LT3
CSS
0.1
mF
SIGGND
SIGGND
CVCCLx
1.0
mF
CVCCHx
1.0
mF
+5.0 V
LVCC
SIGGND


Similar Part No. - NCP5322ADWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5322ADW ONSEMI-NCP5322ADW Datasheet
1Mb / 32P
   TWO-PHASE BUCK CONTROLLER WITH INTEGRATED GATE DRIVERS AND 5-BIT DAC
December, 2001 ??Rev. 4
NCP5322ADWR2 ONSEMI-NCP5322ADWR2 Datasheet
1Mb / 32P
   TWO-PHASE BUCK CONTROLLER WITH INTEGRATED GATE DRIVERS AND 5-BIT DAC
December, 2001 ??Rev. 4
More results

Similar Description - NCP5322ADWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5322 ONSEMI-CS5322 Datasheet
406Kb / 21P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
July, 2006 ??Rev. 7
CS5302 ONSEMI-CS5302 Datasheet
342Kb / 17P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
July, 2006 ??Rev.7
CS5323 ONSEMI-CS5323_06 Datasheet
328Kb / 16P
   Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
NCP5332A ONSEMI-NCP5332A Datasheet
328Kb / 30P
   Two-Phase Buck Controller with Integrated Gate Drivers and 5-Bit DAC
August, 2003 ??Rev. 4
NCP5322A ONSEMI-NCP5322A Datasheet
1Mb / 32P
   TWO-PHASE BUCK CONTROLLER WITH INTEGRATED GATE DRIVERS AND 5-BIT DAC
December, 2001 ??Rev. 4
CS5332 ONSEMI-CS5332 Datasheet
400Kb / 20P
   Two?뭁hase Buck Controller with Integrated Gate Drivers for VRM 9.0
July, 2006 ??Rev. 11
CS5303 ONSEMI-CS5303 Datasheet
390Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers
July, 2006 ??Rev. 14
CS5301 ONSEMI-CS5301_06 Datasheet
181Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5308 ONSEMI-CS5308 Datasheet
1Mb / 31P
   Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
July, 2006 ??Rev. 6
NCP5383 ONSEMI-NCP5383 Datasheet
15Kb / 1P
   Two Phase Buck Controller with Integrated Gate Drivers and AVP
3/15/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com