Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5422A Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5422A
Description  Dual Out?뭥f?뭁hase Synchronous Buck Controller with Current Limit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5422A Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5422A_06 Datasheet HTML 1Page - ON Semiconductor NCP5422A_06 Datasheet HTML 2Page - ON Semiconductor NCP5422A_06 Datasheet HTML 3Page - ON Semiconductor NCP5422A_06 Datasheet HTML 4Page - ON Semiconductor NCP5422A_06 Datasheet HTML 5Page - ON Semiconductor NCP5422A_06 Datasheet HTML 6Page - ON Semiconductor NCP5422A_06 Datasheet HTML 7Page - ON Semiconductor NCP5422A_06 Datasheet HTML 8Page - ON Semiconductor NCP5422A_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCP5422A, NCP5423
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (0
°C < TA < 70°C; 0°C < TJ < 125°C; ROSC = 30.9 k, CCOMP1,2 = 0.1 mF,
10.8 V < VCC < 13.2 V; 10.8 V < BST < 20 V, CGATE(H)1,2 = CGATE(L)1,2 = 1.0 nF, unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Supply Currents
VCC Current
COMP1,2 = 0 V (No Switching)
13
17
mA
BST Current
COMP1,2 = 0 V (No Switching)
3.5
6.0
mA
Undervoltage Lockout
Start Threshold
GATE(H) Switching; COMP1,2 charging
7.8
8.6
9.4
V
Stop Threshold
GATE(H) not switching; COMP1,2 discharging
7.0
7.8
8.6
V
Hysteresis
Start−Stop
0.5
0.8
1.5
V
Hiccup Mode Overcurrent Protection
OVC Comparator Offset Voltage
0 V < IS+ 1(2) < 5.5 V, 0 V < IS− 1(2) < 5.5 V
55
70
85
mV
Discharge Threshold
0.20
0.25
0.30
V
IS+ 1(2) Bias Current
0 V < IS+ 1(2) < 5.5 V
−1.0
0.1
1.0
mA
IS− 1(2) Bias Current
0 V < IS− 1(2) < 5.5 V
−1.0
0.1
1.0
mA
OVC Common Mode Range
Note 3
0
5.5
V
OVC Latch COMP1 Discharge Current
COMP1 = 1.0 V
2.0
5.0
8.0
mA
OVC Latch COMP2 Discharge Current
COMP2 = 1.0 V
0.3
1.2
3.5
mA
COMP1 Charge/Discharge Ratio in OVC
5.0
6.0
7.0
3. Guaranteed by design, not 100% tested in production.
PACKAGE PIN DESCRIPTION
PIN NO.
PIN SYMBOL
FUNCTION
1
GATE(H)1
High Side Switch FET driver pin for channel 1.
2
GATE(L)1
Low Side Synchronous FET driver pin for channel 1.
3
GND
Ground pin for all circuitry contained in the IC. This pin is internally bonded to the substrate of the IC.
4
BST
Power input for GATE(H)1 and GATE(H)2 pins.
5
IS+1
Positive input for channel 1 overcurrent comparator.
6
IS−1
Negative input for channel 1 overcurrent comparator.
7
VFB1
Error amplifier inverting input for channel 1.
8
COMP1
Channel 1 Error Amp output. PWM Comparator reference input. A capacitor to LGND provides Error
Amp compensation. The same capacitor provides Soft−Start timing for channel 1. This pin also
disables the channel 1 output when pulled below 0.3 V.
9
COMP2
Channel 2 Error Amp output. PWM Comparator reference input. A capacitor to LGND provides Error
Amp compensation and Soft−Start timing for channel 2. Channel 2 output is disabled when this pin is
pulled below 0.3 V.
10
VFB2
Error amplifier inverting input for channel 2.
11
IS−2
Negative input for channel 2 overcurrent comparator.
12
IS+2
Positive input for channel 2 overcurrent comparator.
13
ROSC
Oscillator frequency pin. A resistor from this pin to ground sets the oscillator frequency.
14
VCC
Input Power supply pin.
15
GATE(L)2
Low Side Synchronous FET driver pin for channel 2.
16
GATE(H)2
High Side Switch FET driver pin for channel 2.


Similar Part No. - NCP5422A_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5422ADR2 ONSEMI-NCP5422ADR2 Datasheet
126Kb / 18P
   Dual Out-of-Phase Synchronous Buck Controller with Current Limit
November, 2003 ??Rev. 4
More results

Similar Description - NCP5422A_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5422 ONSEMI-CS5422 Datasheet
369Kb / 17P
   Dual Out?뭥f?뭁hase Synchronous Buck Controller with Current Limit
July, 2006 ??Rev. 7
CS5421 ONSEMI-CS5421 Datasheet
298Kb / 14P
   Dual Out?뭥f?뭁hase Synchronous Buck Controller with Remote Sense
July, 2006 ??Rev. 10
NCP5422A ONSEMI-NCP5422A Datasheet
126Kb / 18P
   Dual Out-of-Phase Synchronous Buck Controller with Current Limit
November, 2003 ??Rev. 4
ADP3430 ONSEMI-ADP3430 Datasheet
373Kb / 26P
   2??to 3?뭁hase Synchronous Buck Controller
July, 2009 ??Rev. 2
NCP5424 ONSEMI-NCP5424 Datasheet
131Kb / 20P
   Dual Synchronous Buck Controller with Input Current Sharing
June, 2003 - Rev. 3
NCP5424 ONSEMI-NCP5424_05 Datasheet
137Kb / 18P
   Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
logo
Microsemi Corporation
NX2119 MICROSEMI-NX2119 Datasheet
499Kb / 16P
   SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT PROTECTION
logo
ON Semiconductor
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
   Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
CS5307 ONSEMI-CS5307 Datasheet
880Kb / 24P
   Four?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 9
CS5323 ONSEMI-CS5323_06 Datasheet
328Kb / 16P
   Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com