Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5423 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP5423
Description  Dual Out?뭥f?뭁hase Synchronous Buck Controller with Current Limit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5423 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP5423 Datasheet HTML 2Page - ON Semiconductor NCP5423 Datasheet HTML 3Page - ON Semiconductor NCP5423 Datasheet HTML 4Page - ON Semiconductor NCP5423 Datasheet HTML 5Page - ON Semiconductor NCP5423 Datasheet HTML 6Page - ON Semiconductor NCP5423 Datasheet HTML 7Page - ON Semiconductor NCP5423 Datasheet HTML 8Page - ON Semiconductor NCP5423 Datasheet HTML 9Page - ON Semiconductor NCP5423 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCP5422A, NCP5423
http://onsemi.com
6
VCC
Set
Dominant
IS+1
PWM
Comparator 1
PWM
Comparator 2
Reset
Dominant
CURRENT
SOURCE
GEN
BST
FAULT
BIAS
FAULT
R
S
R
S
R
S
RAMP1
GATE(H)1
5.0
mA
0.425 V
0.25 V
COMP1
-
+
+
+
+
COMP2
VFB1
RAMP2
FAULT
FAULT
Reset
Dominant
GATE(L)1
GATE(H)2
GATE(L)2
GND
VCC
BST
VCC
RAMP1
RAMP2
CLK1
CLK2
OSC
0.425 V
1.0 V
E/A2
E/A OFF
E/A1
E/A OFF
ROSC
Q
1.2 mA
VFB2
1.0 V
VCC
+
+
IS−1
IS+2
IS−2
8.6 V
70 mV
70 mV
BST
Figure 2. Block Diagram
7.8 V
FAULT
FAULT
non−overlap
non−overlap


Similar Part No. - NCP5423

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5422 ONSEMI-NCP5422 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5422A ONSEMI-NCP5422A Datasheet
126Kb / 18P
   Dual Out-of-Phase Synchronous Buck Controller with Current Limit
November, 2003 ??Rev. 4
NCP5422ADR2 ONSEMI-NCP5422ADR2 Datasheet
126Kb / 18P
   Dual Out-of-Phase Synchronous Buck Controller with Current Limit
November, 2003 ??Rev. 4
NCP5424 ONSEMI-NCP5424 Datasheet
131Kb / 20P
   Dual Synchronous Buck Controller with Input Current Sharing
June, 2003 - Rev. 3
NCP5424 ONSEMI-NCP5424 Datasheet
137Kb / 18P
   Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
More results

Similar Description - NCP5423

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5422 ONSEMI-CS5422 Datasheet
369Kb / 17P
   Dual Out?뭥f?뭁hase Synchronous Buck Controller with Current Limit
July, 2006 ??Rev. 7
CS5421 ONSEMI-CS5421 Datasheet
298Kb / 14P
   Dual Out?뭥f?뭁hase Synchronous Buck Controller with Remote Sense
July, 2006 ??Rev. 10
NCP5422A ONSEMI-NCP5422A Datasheet
126Kb / 18P
   Dual Out-of-Phase Synchronous Buck Controller with Current Limit
November, 2003 ??Rev. 4
ADP3430 ONSEMI-ADP3430 Datasheet
373Kb / 26P
   2??to 3?뭁hase Synchronous Buck Controller
July, 2009 ??Rev. 2
NCP5424 ONSEMI-NCP5424 Datasheet
131Kb / 20P
   Dual Synchronous Buck Controller with Input Current Sharing
June, 2003 - Rev. 3
NCP5424 ONSEMI-NCP5424_05 Datasheet
137Kb / 18P
   Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
logo
Microsemi Corporation
NX2119 MICROSEMI-NX2119 Datasheet
499Kb / 16P
   SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT PROTECTION
logo
ON Semiconductor
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
   Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
CS5307 ONSEMI-CS5307 Datasheet
880Kb / 24P
   Four?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 9
CS5323 ONSEMI-CS5323_06 Datasheet
328Kb / 16P
   Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com