Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5426 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP5426
Description  LDO Regulator/Vibration Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5426 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP5426 Datasheet HTML 1Page - ON Semiconductor NCP5426 Datasheet HTML 2Page - ON Semiconductor NCP5426 Datasheet HTML 3Page - ON Semiconductor NCP5426 Datasheet HTML 4Page - ON Semiconductor NCP5426 Datasheet HTML 5Page - ON Semiconductor NCP5426 Datasheet HTML 6Page - ON Semiconductor NCP5426 Datasheet HTML 7Page - ON Semiconductor NCP5426 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NCP5426
http://onsemi.com
2
DETAILED PIN DESCRIPTION
Pin
Name
Description
1
Enable
The enable pin allows the user to control the output. A low signal disables the output and places
the device into a low current standby mode.
2
GND
Ground pin.
3
N/C
This pin is not connected to the device.
4
Vout
Regulated output voltage.
5
Vin
Input voltage.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Max Voltage, All Pins
VMAX
12
V
Power Dissipation to Air
PA
150
mW
Power Dissipation, Board Mounted
P
600
mW
Operating and Storage Temperature
TA
−40 to 85
°C
Thermal Resistance
TJA
300
°C/W
Junction Temperature
TJ
125
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (TA = 25°C, for min/max values TA is the operating junction temperature that
applies, VCC = 3.5 V, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Operating Voltage
VCC
12
V
Operating Voltage Turn On, Iout = 30 mA, Increasing VCC
VCCON
2.6
2.8
V
Operating Voltage Turn Off, Iout = 30 mA, Decreasing VCC
VCCOFF
2.0
2.1
2.2
V
Operating Voltage Hysteresis, Iout = 30 mA
VCC(hyst)
400
500
600
mV
Operating Current No Load
ICC
120
240
mA
Operating Current, VCC = 1.8 V, Enable High
ICC(uvlo)
80
160
mA
Operating Current, Enable Low
ICC(off)
0.1
mA
Maximum Output Current, Vout = 0.95 *Vnom
Iout(max)
150
mA
Overcurrent Protection, Vout = 0 V
Iout(limit)
270
mA
Load Regulation, Vin = 3.5 V, Iout 1.0 to 100 mA
Regload
30
60
mV
Line Regulation, Iout = 30 mA, Vin 3.0 to 5.0 V
Regline
10
20
mV
Ripple Rejection, Vin 3.5 V, f 120 Hz, Vpp 1.0 V, Iout 30 mA
RR
55
70
dB
Temperature Shutdown
Tstd
150
°C
VCC Low Detector Temperature Coefficient, Iout = 30 mA,
T = −40 to 85
°C
DVCC H to L/DT
200
ppm/
°C
Vout Temperature Coefficient
DVo/DT
100
ppm/
°C
Enable Pin High Threshold
Veh
1.6
V
Enable Pin Low Threshold
Vel
0.4
V
Enable Pin Current, Ve = 1.6 V
le
5.0
10
mA
−1.3 V
Output Voltage, Iout = 30 mA
Vout
1.261
1.3
1.339
V


Similar Part No. - NCP5426

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5426 ONSEMI-NCP5426 Datasheet
69Kb / 8P
   LDO Regulator/Vibration Motor Driver
June, 2004 ??Rev. 4
NCP5426 ONSEMI-NCP5426 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5426SN13T1 ONSEMI-NCP5426SN13T1 Datasheet
69Kb / 8P
   LDO Regulator/Vibration Motor Driver
June, 2004 ??Rev. 4
NCP5426SN13T2 ONSEMI-NCP5426SN13T2 Datasheet
69Kb / 8P
   LDO Regulator/Vibration Motor Driver
June, 2004 ??Rev. 4
NCP5426SN13T2G ONSEMI-NCP5426SN13T2G Datasheet
69Kb / 8P
   LDO Regulator/Vibration Motor Driver
June, 2004 ??Rev. 4
More results

Similar Description - NCP5426

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5426 ONSEMI-NCP5426 Datasheet
69Kb / 8P
   LDO Regulator/Vibration Motor Driver
June, 2004 ??Rev. 4
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
logo
Vybronics Inc
VL91022-160-320H VYBRONICS-VL91022-160-320H Datasheet
1Mb / 10P
   LINEAR VIBRATION MOTOR
2020.12.01
VLV041235L VYBRONICS-VLV041235L Datasheet
1Mb / 11P
   LINEAR VIBRATION MOTOR
2023.02.16
VLV152564W VYBRONICS-VLV152564W Datasheet
1Mb / 9P
   LINEAR VIBRATION MOTOR
2022.12.02
VL120628H VYBRONICS-VL120628H Datasheet
1Mb / 10P
   LINEAR VIBRATION MOTOR
2020.12.01
VLV200634A VYBRONICS-VLV200634A Datasheet
1Mb / 12P
   Linear Vibration Motor
2022.06.24
logo
Princeton Technology Co...
PT5141 PTC-PT5141 Datasheet
211Kb / 4P
   1CH DC Motor Driver with LDO
PT5142 PTC-PT5142 Datasheet
266Kb / 4P
   1CH H-Bridge Motor Driver with LDO
logo
Sanyo Semicon Device
LA5540 SANYO-LA5540 Datasheet
56Kb / 3P
   Motor Driver with Regulator, Brake
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com